Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8972BE Datasheet HTML 1Page - Mitel Networks Corporation MT8972BE Datasheet HTML 2Page - Mitel Networks Corporation MT8972BE Datasheet HTML 3Page - Mitel Networks Corporation MT8972BE Datasheet HTML 4Page - Mitel Networks Corporation MT8972BE Datasheet HTML 5Page - Mitel Networks Corporation MT8972BE Datasheet HTML 6Page - Mitel Networks Corporation MT8972BE Datasheet HTML 7Page - Mitel Networks Corporation MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
9-107
9-107
®
Features
•
Full duplex transmission over a single twisted
pair
•
Selectable 80 or 160 kbit/s line rate
•
Adaptive echo cancellation
•
Up to 3km (8971B) and 4 km (8972B)
•
ISDN compatible (2B+D) data format
•
Transparent modem capability
•
Frame synchronization and clock extraction
•
MITEL ST-BUS compatible
•
Low power (typically 50 mW), single 5V supply
Applications
•
Digital subscriber lines
•
High speed data transmission over twisted
wires
•
Digital PABX line cards and telephone sets
•
80 or 160 kbit/s single chip modem
Figure 1 - Functional Block Diagram
DSTi/Di
CDSTi/
F0/CLD
C4/TCK
F0o/RCK
MS0
MS1
MS2
RegC
DSTo/Do
CDSTo/
CDo
Transmit
Interface
Prescrambler
Scrambler
Control
Register
Transmit/
Clock
Receive
Timing &
Control
Status
Transmit
Timing
Master Clock
Phase Locked
Sync Detect
Receive
DPLL
Receive
Interface
De-
Prescrambler
Descrambler
Differentially
Encoded Biphase
Receiver
Differentially
Encoded Biphase
Transmitter
Transmit
Filter &
Line Driver
Receive
Filter
-1
+2
MUX
Address
Echo Canceller
Error
Signal
Echo Estimate
VBias
VDD
VSS VBias VRef
LOUT
LOUT
DIS
Precan
LIN
OSC2
OSC1
—
+
∑
CDi
ISSUE 7
May 1995
Description
The MT8971B (DSIC) and MT8972B (DNIC) are
multi-function devices capable of providing high
speed,
full duplex digital
transmission up to 160
kbit/s over a twisted wire pair.
They use adaptive
echo-cancelling techniques and transfer data in
(2B+D) format compatible to the ISDN basic rate.
Several modes of operation allow an easy interface
to digital telecommunication networks including use
as a high speed limited distance modem with data
rates up to 160 kbit/s.
Both devices function
identically but with the DSIC having a shorter
maximum loop reach specification.
The generic
"DNIC" will be used to reference both devices unless
otherwise noted.
The MT8971B/72B is fabricated in Mitel’s ISO2-
CMOS process.
Ordering Information
MT8971BE
22 Pin Plastic DIP
MT8972BE
22 Pin Plastic DIP
MT8972BC
22 Pin Ceramic DIP
MT8971BP
28 Pin PLCC
MT8972BP
28 Pin PLCC
-40°C to
+85°C
MT8971B/72B
Digital Subscriber Interface Circuit
Digital Network Interface Circuit
ISO2-CMOS ST-BUS
™ FAMILY


Similar Part No. - MT8972BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AC MITEL-MT8976AC Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AE MITEL-MT8976AE Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AP MITEL-MT8976AP Datasheet
337Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
More results

Similar Description - MT8972BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
Subscriber Network Interface Circuit
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com