Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8972BE Datasheet HTML 1Page - Mitel Networks Corporation MT8972BE Datasheet HTML 2Page - Mitel Networks Corporation MT8972BE Datasheet HTML 3Page - Mitel Networks Corporation MT8972BE Datasheet HTML 4Page - Mitel Networks Corporation MT8972BE Datasheet HTML 5Page - Mitel Networks Corporation MT8972BE Datasheet HTML 6Page - Mitel Networks Corporation MT8972BE Datasheet HTML 7Page - Mitel Networks Corporation MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MT8971B/72B
9-108
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
DIP PLCC
12
LOUT
Line Out. Transmit Signal output (Analog). Referenced to VBias.
23
VBias
Internal Bias Voltage output. Connect via 0.33 µF decoupling capacitor to VDD.
34
VRef
Internal Reference Voltage output. Connect via 0.33 µF decoupling capacitor to VDD.
4,5,
6
5,7,
8
MS2-MS0 Mode Select inputs (Digital). The logic levels present on these pins select the various
operating modes for a particular application. See Table 1 for the operating modes.
7
9
RegC
Regulator Control output (Digital). A 512 kHz clock used for switch mode power
supplies. Unused in MAS/MOD mode and should be left open circuit.
810
F0/CLD
Frame Pulse/C-Channel Load (Digital). In DN mode a 244 ns wide negative pulse input
for the MASTER indicating the start of the active channel times of the device. Output for
the SLAVE indicating the start of the active channel times of the device. Output in MOD
mode providing a pulse indicating the start of the C-channel.
9
12
CDSTi/
CDi
Control/Data ST-BUS In/Control/Data In (Digital). A 2.048 Mbit/s serial control &
signalling input in DN mode. In MOD mode this is a continuous bit stream at the bit rate
selected.
10
13
CDSTo/
CDo
Control/Data ST-BUS Out/Control/Data Out (Digital). A 2.048 Mbit/s serial control &
signalling output in DN mode. In MOD mode this is a continuous bit stream at the bit rate
selected.
11
14
VSS
Negative Power Supply (0V).
12
15
DSTo/Do Data ST-BUS Out/Data Out (Digital). A 2.048 Mbit/s serial PCM/data output in DN mode.
In MOD mode this is a continuous bit stream at the bit rate selected.
13
16
DSTi/Di
Data ST-BUS In/Data In (Digital). A 2.048 Mbit/s serial PCM/data input in DN mode. In
MOD mode this is a continuous bit stream at the bit rate selected.
14
17
F0o/RCK Frame Pulse Out/Receive Bit Rate Clock output (Digital). In DN mode a 244 ns wide
negative pulse indicating the end of the active channel times of the device to allow daisy
chaining. In MOD mode provides the receive bit rate clock to the system.
15
19
C4/TCK
Data Clock/Transmit Baud Rate Clock (Digital). A 4.096 MHz TTL compatible clock
input for the MASTER and output for the SLAVE in DN mode. For MOD mode this pin
provides the transmit bit rate clock to the system.
16
21
OSC2
Oscillator Output. CMOS Output.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
22
21
20
19
18
17
16
15
22 PIN PDIP/CERDIP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
LOUT DIS
Precan
OSC1
OSC2
NC
C4/TCK
MS2
NC
MS1
MS0
RegC
F0/CLD
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com