Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8972BE Datasheet HTML 1Page - Mitel Networks Corporation MT8972BE Datasheet HTML 2Page - Mitel Networks Corporation MT8972BE Datasheet HTML 3Page - Mitel Networks Corporation MT8972BE Datasheet HTML 4Page - Mitel Networks Corporation MT8972BE Datasheet HTML 5Page - Mitel Networks Corporation MT8972BE Datasheet HTML 6Page - Mitel Networks Corporation MT8972BE Datasheet HTML 7Page - Mitel Networks Corporation MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MT8971B/72B
9-109
Figure 3 - DV Port - 80 kbit/s (Modes 2, 3, 6)
Figure 4 - DV Port - 160 kbit/s (Modes 2, 3, 6)
17
22
OSC1
Oscillator Input. CMOS Input. D.C. couple signals to this pin. Refer to D.C. Electrical
Characteristics for OSC1 input requirements.
18
23
Precan
Precanceller Disable. When held to Logic ’1’, the internal path from LOUT to the
precanceller is forced to VBias thus bypassing the precanceller section. When logic ’0’, the
LOUT to the precanceller path is enabled and functions normally. An internal pulldown (50
k
Ω) is provided on this pin.
1,6,
11,
18,
20,
25
NC
No Connection. Leave open circuit.
19
24
LOUT DIS LOUT Disable. When held to logic “1”, LOUT is disabled (i.e., output = VBias). When logic
“0”, LOUT functions normally. An internal pulldown (50 kΩ) is provided on this pin.
20
26
TEST
Test Pin.
Connect to VSS for normal operation.
21
27
LIN
Receive Signal input (Analog).
22
28
VDD
Positive Power Supply (+5V) input.
Pin Description (continued)
Pin #
Name
Description
DIP PLCC
F0
C4
DSTi
DSTo
F0o
B17
B16
B15
B14
B13
B12
B11
B10
B17
B16
B15
B14
B13
B12
B11
B10
B17
B17
Channel Time 0
F0
C4
DSTi
DSTo
F0o
B17 B16 B15 B14 B13 B12 B11 B10
B17
B17
Channel Time 0
B17 B16 B15 B14 B13 B12 B11 B10
B27 B26 B25 B24 B23 B22 B21 B20
B27 B26 B25 B24 B23 B22 B21 B20
Channel Time 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com