Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VP211
2
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated) Tamb = 25°C, VCCA/D/O = +5V, full temperature range = 0°C to +70°C
DC CHARACTERISTICS All specifications apply to either of the two ADCs
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
Resolution
-
-
-
6
-
-
Bits
Static performance
Differential non-linearity
Integral non-linearity
DNL
INL
+25°C
Full
+25°C
Full
4
4
4
4
-
-
-
-
-
-
-
-
±0.5
±0.5
±0.5
±0.5
LSB
LSB
LSB
LSB
No missing codes
Full
4
Guaranteed
Power supply
Analog supply voltage
Digital supply voltage
Output supply voltage
Analog supply current
Digital supply current
Output supply current
Power dissipation
VCCA
VCCD
VCCO
AICC
DICC
OICC
PD
Full
Full
Full
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
4
4
4
1
4
1
4
1
4
1
4.75
4.75
4.75
14
-
34
-
3
-
260
5.0
5.0
5.0
19
-
42
-
11
-
360
5.25
5.25
5.25
26
-
51
-
15
-
460
V
V
V
mA
mA
mA
mA
mA
mA
mW
Analog input
Input range
Input resistance
Input capacitance
Gain variation
Gain matching
Input -3dB bandwidth
Ain input voltage
Comp output
Vin
Rin
Cin
GV
Gm
F3dB
Aindc
Vcomp
Full
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
5
1
5
4
1
5
1
1
-
20k
-
-
-
-
3.6
1.8
2.0
25k
4.0
-
-
200
3.9
2.0
-
30k
-
0.25
0.25
-
4.1
2.2
V
Ω
pF
dB
dB
MHz
V
V
Pk to Pk
Fin=300Hz to
20MHz
Fin=15.68MHz
CLKIN
Input voltage high
Input voltage low
Input current high
Input current low
Vih
Vil
Iih
Iil
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
Full
1
4
1
4
1
4
1
4
2.0
-
-
-
-
-
–0.2
-
-
-
-
-
-
-
–0.35
-
-
-
0.8
-
1
-
–0.5
-
V
V
V
V
µA
mA
VCCD = 5.25V
Vin = 2.7V
VCCD = 5.25V
Vin = 0.4V
TTL digital outputs
Output voltage high
Output voltage low
Output current high
Output current low
Voh
Vol
Ioh
Iol
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
Full
1
4
1
4
1
4
1
4
2.4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3.0
-
0.4
-
-400
-
1
-
V
V
V
V
µA
-
mA
-
VCCO = 4.75V
Ioh = 400µA
VCCO = 4.75V
Iol = 1mA
VCCO = 4.75V
VCCO = 4.75V
THERMAL CHARACTERISTICS
THERMAL RESISTANCES
Junction to case(
Θjc)
32°C/W
Junction to ambient(
Θja)
84°C/W
ABSOLUTE MAXIMUM RATINGS
DC supply voltage (VCCA, VCCD, VCCO)
-0.3 to+7V
Analog input voltage (VIN)
-0.3 to VCC+0.3V
Digital inputs (CLKIN)
VCC
Digital output current (Ioh, Iol, Isc)
-20 to +20mA
Ambient operating temperature (Tamb)
0°C to +70°C
Storage temperature (Tstorage)
-55°C to +125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com