Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VP211
5
Device Description
The VP211 is a dual 90MHz 6-bit ADC system, (see
Fig.2). Included on chip is a high bandwidth ADC driver
amplifier, a 6-bit analog to digital converter, latches and TTL
compatible data outputs. The VP211 also has the necessary
bias voltages for the reference resistor chain in the ‘flash’
architecture of the ADC.
Analog Input
The analog inputs, (VIN A,B) are A.C. coupled into the
non-inverting input of the ADC driver amplifiers, which
provide the necessary bandwidth, gain, offset and low
impedance required to drive the ADC. The amplifier has
been designed so that an input of 0 volts will produce an
output level equal to the voltage present at the middle of the
ADC resistor chain, VRM (3.00V typ.). This is achieved by an
internal feedback loop within each amplifier which compares
the amplifier output with VRM, (see Fig.3). This voltage will
produce a transition binary code of 011111 to 100000 at the
output of the ADC.
Reference Voltage
An on chip band gap voltage reference circuit combined
with two op-amps provides all the necessary bias voltages
for the ADC reference resistor chain, bottom (VRB), middle
(VRM) and top(VRT). VRB, VRM and VRT have been
brought out to pins 12, 9 and 4 respectively and should be
decoupled with 100nF capacitors close to the package pins.
ADC Circuit
The VP211 employs a ‘flash’ architecture consisting of a
reference resistor chain, an array of 64 comparators,
encoding logic and a 6-bit latch. The 63 reference levels
generated by the resistor chain are compared with the
analog output signal from the ADC driver amplifier using the
comparator array. This produces a thermometer code which
the encoding logic converts into a 6-bit word.
Digital Interface
The TTL data output pins, (DA0-DA5) and (DB0-DB5),
have been optimized to interface with devices in close
proximity to the VP211 and are designed to provide
satisfactory logic levels at speeds up to 90MHz into a fanout
of one and a total load capacitance of 10pF. All data outputs
should have approximately equivalent loading to ensure
proper setup and hold times. For capacitive loads in excess
of 10pF, output buffers are recommended.
Clock Interface
The clock signal to the ADC synchronizes the sampling,
conversion and output stages of the device as shown in the
timing diagram (see Fig.4). The output of the ADC driver amp
is sampled when the comparator array is latched on the rising
edge of the input clock. Data is then presented to the TTL data
outputs and latched on the falling edge of the input clock.
INPUT
SIGNAL
VRM
TO ADC
ADC DRIVER
AMP
CC
CCOMP
COMP_(Q,I)
DC SHIFT
Fig.3 DC offset internal feedback loop
τ1
C
Latch
Comparator
L
V ref.
VIN(A,B)
Clock to ADC
Data Out
CLKIN
Data Outputs
TTL
Threshold
Tpw 1
Tpw 0
VIN(A,B)
THold
N
N+1
N-1
N+1
N
N-1
Tsu
Fig.4 System timing diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com