Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-------------------------------------------------
-------------------------------------------------
+
ADC
OGND
6
5
DRIVER
12
OP AMPS
VRB VRM VRT
6-BIT
ADC
26
25
24
23
28
27
DA0
DA1
DA2
DA3
DA4
DA5
18
17
16
15
20
19
DB0
DB1
DB2
DB3
DB4
DB5
VINA
COMPA
VRB
VREF
1
CLKIN
+
ADC
11
10
DRIVER
VRB VRM VRT
6-BIT
VINB
COMPB
OUTPUTS
LATCHES
DATA
OUTPUTS
LATCHES
DATA
CLOCK
DRIVER
AGND
DGND
VCCO
VCCA
VCCD
6
6
22
8
21
4
VRT
ADC
2
3
7
9
VRM
MP28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLKIN
VCCD
DGND
VRT
COMPA
VINA
AGND
VCCA
VRM
COMPB
VINB
VRB
N.C.
N.C.
DA5
DA4
DA3
DA2
DA1
DA0
OGND
VCCO
DB5
DB4
DB3
DB2
DB1
DB0
VP211
Fig.1 Pin connections - top view (wide body)
Fig.2 System block diagram
The VP211 is a dual 90MHz 6-bit Analog to Digital
Converter designed for use in consumer satellite receivers
and
decoders,
video
systems,
multimedia
and
communications applications.
Operating from a single +5V supply, the VP211 includes
an on-chip high bandwidth ADC driver amplifier, a 6-bit ADC
and digital I/O that can be interfaced to either +5V or +3V.
The VP211 also has the necessary bias voltages for the
reference resistor chain in the 'flash' architecture of the ADC.
FEATURES
s 90MHz Conversion Rate
s TTL Clock/Data Interface
s 2 Volt Analog Input Range
s Internal ADC Reference
s Digital I/O’s compatible with +5V or +3V logic
s Single 5 Volt Supply
s Dual ADC System for good channel matching
APPLICATIONS
s Satellite Decoders
s Multimedia
s Communications
ORDERING INFORMATION
VP211A CG MP1S (Commercial - 28 pin plastic SO)
VP211
Dual 90MHz 6-Bit Analog to Digital Converter
Preliminary Information
DS4476 - 1.1 May 1996


Similar Part No. - VP211

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP211 ZARLINK-VP211 Datasheet
261Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
logo
Supertex, Inc
VP2110 SUTEX-VP2110 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2110 SUTEX-VP2110 Datasheet
512Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP2110 MICROCHIP-VP2110 Datasheet
761Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
logo
Supertex, Inc
VP2110K1 SUTEX-VP2110K1 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
6-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Mitel Networks Corporat...
VP213 MITEL-VP213 Datasheet
187Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter
VP215 MITEL-VP215 Datasheet
187Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter
VP216 MITEL-VP216 Datasheet
143Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP211 ZARLINK-VP211 Datasheet
261Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
Dual 90MHz 6-Bit Analog to Digital Converter
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Texas Instruments
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
6-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com