Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 6 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VP211
6
Layout And Grounding
As with all high speed A to D converters, careful
consideration must be given to the PCB layout. High
performance can be obtained from the VP211 by tying all
grounds to a solid low impedance ground plane. Separate
analog and digital ground planes with a single common link
under the device can also be used to help reduce the
amount of digital noise fed back into the analog section of the
converter.
The VP211 should be decoupled with low impedance
100nF ceramic capacitors close to the package pins to avoid
lead inductance effects and the decoupling on supply lines
should further be improved by using a 47
µF tantalum
capacitor in parallel with a 100nF ceramic capacitor. If VCCA
is derived from VCCD, a small inductor should be used to
reduce digital noise on the analog power supply. Jitter and
noise on clock input pins must be minimised. Long clock
lines should therefore be avoided and all clock lines correctly
terminated. Cross talk of digital signals to the analog inputs
must also be prevented as sampling cross talk produces DC
offsets on the sampled data, for this reason analog inputs
should not be run next to clock or data lines. Device
connections to the ground plane should be as short as
possible.
Application Circuit
Fig.5 shows a typical applications circuit for the VP211.
The supply connections are made using separate low noise
digital and analog power supplies and VCCD is further
isolated from VCCO using a 1.2
µH inductor.
The COMPA and COMPB pins must be decoupled to
reduce any ripple at low frequencies which may distort the
ADC driver amplifier output, (see Fig.2.) The decoupling
capacitor value is determined by the required low frequency
performance of the system and can be obtained from the
following equation.
CComp =
75x10- 6
Fin x VRipple
A ripple voltage
≤ 10mV is recommended for good
system performance, e.g. If the analog input frequency Fin=
10KHz a value of 0.75
µF is required for C
Comp.
To
ensure
effective
A.C.
coupling
at
low
input
frequencies, the coupling capacitors on pins 6 and 11 can be
calculated from the high pass filter corner frequency
equation,
where
Fc = Lower -3dB corner frequency
(R = Input Resistance, 25K typ. - 20K min)
Fc =
1
2 x
π x RC
Fig.5 Applications diagram
VP211
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Analog Ground
Digital Ground
A Channel
Data
B Channel
Data
CLKIN
VINA
VCCA
VINB
1.2
µH
47
µ
47
µ
100n
100n
100n
100n
Cc
Cc
Ccomp
Ccomp
50R
50R
50R
100n
VCCD
100n
100n
100n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com