Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VP211
4
PIN DESCRIPTIONS - 28 Pin Plastic SO Package
Pin
Name
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CLKIN
VCCD
DGND
VRT
COMPA
VINA
AGND
VCCA
VRM
COMPB
VINB
VRB
N.C.
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
VCCO
OGND
DA0
DA1
DA2
DA3
DA4
DA5
TTL clock input
Digital voltage supply for ADC’s and input clock
Digital ground
Reference voltage- ladder top
Capacitor compensation - A channel
Analog signal input - A channel
Analog ground
Analog voltage supply for drivers and references
Reference voltage- ladder middle
Capacitor compensation - B channel
Analog signal input - B channel
Reference voltage- ladder bottom
Not connected
Not connected
TTL digital output - channel B - LSB
TTL digital output - channel B - MSB
Output voltage supply for TTL data outputs
Output ground
TTL digital output - channel A - LSB
TTL digital output - channel A - MSB
Table 2: Pin descriptions
Effective Number of Bits (ENOB)
This is a measure of a device's dynamic performance
and may be obtained from the SNR or from a sine wave
curve test fit according to the following expressions:
ENOB = SNR-1.76/6.02
or
ENOB = N-log2[rms error (actual)/rms error (ideal)]
where N is the conversion resolution and the actual rms error
is the deviation from an ideal sine wave, calculated from the
converter outputs with a sine wave input.
Integral Non-linearity (INL)
The deviation of the centre of each code from a
reference line which has been determined by a least squares
curve fit.
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude to the rms value of
‘noise’ which is defined as the sum of all other spectral
components, including the harmonics, but excluding D.C.
with a full-scale analog input signal.
ELECTRICAL CHARACTERISTICS DEFINITIONS
Analog Bandwidth
The analog input frequency at which the spectral power
of the fundamental frequency, as determined by FFT analysis
is reduced by 3dB.
Aperture Delay
The delay between the rising edge of the 90MHz clock
signal and the instant the analog input signal is sampled.
Aperture Jitter
The sample to sample variation in aperture delay.
Bit Error Rate (BER)
The number of spurious code errors produced for any
given input sinewave frequency at a given clock frequency. In
this case it is the number of codes occurring outside the
histogram cusp for a 1/2 FS sinewave.
Data Outputs, Set-up and Hold Time
Data output timings are measured from the 50%
threshold to the 50% threshold on the rising edge of the
output clock.
Differential Non-linearity
The deviation in any code width from an ideal 1 LSB step.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com