Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP211 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # VP211
Description  Dual 90MHz 6-Bit Analog to Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP211 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  VP211 Datasheet HTML 1Page - Mitel Networks Corporation VP211 Datasheet HTML 2Page - Mitel Networks Corporation VP211 Datasheet HTML 3Page - Mitel Networks Corporation VP211 Datasheet HTML 4Page - Mitel Networks Corporation VP211 Datasheet HTML 5Page - Mitel Networks Corporation VP211 Datasheet HTML 6Page - Mitel Networks Corporation VP211 Datasheet HTML 7Page - Mitel Networks Corporation VP211 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VP211
3
DC CHARACTERISTICS (cont.)
Reference voltage
Vref ladder bottom
Vref ladder middle
Vref ladder top
VRB
VRM
VRT
+25°C
+25°C
+25°C
1
1
1
2.367
2.848
3.337
2.5
3.0
3.5
2.671
3.212
3.763
V
V
V
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
AC CHARACTERISTICS
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
Switching performance
Clock high pulse width
Clock low pulse width
Max. conversion rate
Data output setup time
Data output hold time
Aperture delay
Aperture delay matching
Aperture jitter
Tpw1
Tpw0
Fmax
Tsetup
Thold
Tad
Tadδ
Taj
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
4
4
1
4
4
4
4
4
5.7
5.7
90
4
3
2
-
10
-
-
-
6
6
3
0.25
25
-
-
-
8
8
4
0.5
50
ns
ns
MHz
ns
ns
ns
ns
ps rms
Cload=10pF
Cload=10pF
Dynamic performance
Differential non-linearity
Integral non-linearity
Signal to noise ratio
Total harmonic distortion
Effective No. of bits
Crosstalk rejection
Input offset
Error rate
DNL
INL
SNR
THD
ENOB
CTR
Vos
BER
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
4
4
1
4
1
5
1
5
–0.95
-
31.8
40
5.0
-
-
-
-
-
-
-
5.6
50
±0.5
10e-8
+1.2
±1
-
-
-
-
±1
-
LSB
LSB
dB
dBc
bits
dBc
LSB
FCLK =
90.11MHz
FIN =
11.26MHz
NOTES
1. An input voltage of 0.0 volts ±0.5 LSB should nominally correspond to the ‘011111’ to ‘100000’B transition edge.
TEST LEVELS
Level 1 - 100% production tested.
Level 2 - 100% production tested at 25°C and sample tested
at specified temperatures.
Level 3 - Sample tested only.
Level 4 - Parameter is guaranteed by design and
characterisation testing.
Level 5 - Parameter is typical value only.
Table 1: Output coding
Code
Input Voltage
Digital Output
2.0 Volt Full Scale
Binary
00
Least positive valid input
000000
01
-
000001
q
q
q
31
-
011111
32
0
100000
33
-
100001
q
q
q
62
-
111110
63
Most positive valid input
111111



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com