Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 9Page - Mitel Networks Corporation VP5313 Datasheet HTML 10Page - Mitel Networks Corporation VP5313 Datasheet HTML 11Page - Mitel Networks Corporation VP5313 Datasheet HTML 12Page - Mitel Networks Corporation VP5313 Datasheet HTML 13Page - Mitel Networks Corporation VP5313 Datasheet HTML 14Page - Mitel Networks Corporation VP5313 Datasheet HTML 15Page - Mitel Networks Corporation VP5313 Datasheet HTML 16Page - Mitel Networks Corporation VP5313 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
VP5313/VP5513
13
TIMING INFORMATION
Min.
Typ.
10
14.5
10
5
10
0
10
0
9
27.0
Max.
TBD
TBD
25
Units
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
PXCK
periods
ns
fPXCK
tPWH; PXCK
tPWL; PXCK
tRP
tFP
tSU;PD
tHD;PD
tSU;SC_SYNC
tHD;SC_SYNC
tSU;PAL_ID
tHD;PAL_ID
tDUR;PAL_ID
tDOS
10% to 90% points
90% to 10% points
PXCK to COMPSYNC
PXCK to CLAMP
Conditions
Parameters
Master clock frequency (PXCK input)
PXCK pulse width, HIGH
PXCK pulse width, LOW
PXCK rise time
PXCK fall time
PD7-0 set up time
PD7-0 hold time
SCSYNC set up time
SCSYNC hold time
PALID set up time
PALID hold time
PALID duration
Output delay
Symbol
Note: Timing reference points are at the 50% level. Digital CLOAD <40pF.
Figure 8 Closed Capation format
BIT0 BIT1 BIT2 BIT3 BIT4 BIT5 BIT6 BIT7 BIT0 BIT1 BIT2 BIT3 BIT4 BIT5 BIT6 BIT7
1
CLOCK RUN-IN
START BITS
13
DATA BYTE 1
DATA BYTE 2
0 1 0 0 0 0 1 1
FRAME CODE
B
CD
E
A
H
0
50
-40
IRE
HSYNC COLOUR BURST
S1
S2
S3
P
P
P = Parity Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com