Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 2Page - Mitel Networks Corporation VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation VP5313 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
VP5313/VP5513
6
ADDRESS
hex
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
11
12
13-1F
20-33
34-3F
40
41
42
43
44
45
46
47
48-4F
50
51
52
53
54
55-5F
60
61
62-FD
FE-FF
REGISTER
NAME
BAR
PART ID2
PART ID1
PART ID0
REV ID
MODE
GCR
VOCR
RSTCTL
SC_ADJ
FREQ2
FREQ1
FREQ0
SCHPHM
SCHPHL
HSOFFL
HSOFFM
SLAVE1
SLAVE2
TSTPAT
Not used
Reserved
Not used
TTXLO2
TTXLO1
TTXLO0
TTXLE2
TTXLE1
TTXLE0
TTXDD
TTXCTL
Not used
CCREG1
CCREG2
CCREG3
CCREG4
CC_CTL
Not used
IICEXCTL
IICEXW/R
Not used
Reserved
7
RA7
ID17
ID0F
ID07
REV7
-
FSC4SEL
DITHEN
SC7
FR17
FR0F
FR07
-
SCH7
HSOFF7
-
NCORSTD
HCNT7
-
-
L14
L22
-
L327
L335
TTXDD7
-
-
-
-
-
CTL7
W/RD7
6
RA6
ID16
ID0E
ID06
REV6
-
GENDITH
CHRMCLIP
SC6
FR16
FR0E
FR06
-
SCH6
HSOFF6
-
VBITDIS
HCNT6
-
-
L13
L21
-
L326
L334
TTXDD6
F1W1D6
F1W2D6
F2W1D6
F2W2D6
-
CTL6
W/RD6
5
RA5
ID15
ID0D
ID05
REV5
-
GENLKEN
CHRBW
SC5
FR15
FR0D
FR05
-
SCH5
HSOFF5
-
VSMODE
HCNT5
-
-
L12
L20
-
L325
L333
TTXDD5
F1W1D5
F1W2D5
F2W1D5
F2W2D5
-
CTL5
W/RD5
4
RA4
ID14
ID0C
ID04
REV4
DACCFG
NOLOCK
SYNCDIS
SC4
FR14
FR0C
FR04
-
SCH4
HSOFF4
-
F_SWAP
HCNT4
-
-
L11
L19
-
L324
L332
TTXDD4
F1W1D4
F1W2D4
F2W1D4
F2W2D4
-
CTL4
W/RD4
2
RA2
ID12
ID0A
ID02
REV2
VFS0
YCDELAY
LUMDIS
SC2
FR12
FR0A
FR02
-
SCH2
HSOFF2
-
SL_HS0
HCNT2
-
-
L9
L17
-
L322
L330
TTXDD2
F1W1D2
F1W2D2
F2W1D2
F2W2D2
F1ST
CTL2
W/RD2
1
RA1
ID11
ID09
ID01
REV1
SYNCM1
CLMPDIS
CHRDIS
SC1
FR11
FR09
FR01
-
SCH1
HSOFF1
HSOFF9
HCNT9
HCNT1
TTXPAT
-
L8
L16
L319
L321
L329
TTXDD1
F1W1D1
F1W2D1
F2W1D1
F2W2D1
F2EN
CTL1
W/RD1
3
RA3
ID13
ID0B
ID03
REV3
VFS1
PALIDEN
BURDIS
SC3
FR13
FR0B
FR03
-
SCH3
HSOFF3
-
SL_HS1
HCNT3
-
-
L10
L18
-
L323
L331
TTXDD3
F1W1D3
F1W2D3
F2W1D3
F2W2D3
F2ST
CTL3
W/RD3
DEFAULT
hex
00
53
13
01
00
00
20
00
9C
A8
26
2B
00
00
7E
00
00
00
00
00
00
00
00
00
00
01
00
XX
XX
XX
XX
00
FF
-
0
RA0
ID10
ID08
ID00
REV0
SYNCM0
CVBSCLMP
PEDEN
TSURST
SC0
FR10
FR08
FR00
SCH8
SCH0
HSOFF0
HSOFF8
HCNT8
HCNT0
RAMPEN
L6
L7
L15
L318
L320
L328
TTXDD0
TTXEN
F1W1D3
F1W2D3
F2W1D3
F2W2D3
F1EN
CTL0
W/RD0
R/W
W
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
W
R/W
REGISTERS MAP
See Register Details for further explanations.
Table.1 Register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com