Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP5313 Datasheet HTML 1Page - Mitel Networks Corporation VP5313 Datasheet HTML 2Page - Mitel Networks Corporation VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
VP5313/VP5513
4
Pin Name
Pin No.
Description
PD0-7
2-4,
8 Bit Pixel Data inputs clocked by PXCK. PD0 is the least significant bit. These pins are
internally pulled low.
PXCK
44
27MHz Pixel Clock input. The VP5313/VP5513 internally divides PXCK by two to provide the
pixel clock.
SA
18
Slave address select.
SCL
23
Standard I2C bus serial clock input.
SDA
24
Standard I2C bus serial data input/output.
FC0-2
12-14
Field Counter output in master sync mode.
REFSQ
9
Reference square wave input used only during Genlock mode.
SCSYNC
8
Subcarrier sync input, (synchronises phase quadrant in 4xfsc genlock mode), see fig 6.
PALID
7
PAL IDENT input, controls swinging colour burst phase in PAL genlock mode.
COMPSYNC
6
Composite sync pulse output. This is an active low output signal.
CLAMP
5
The CLAMP output signal is synchronised to COMPSYNC output and indicates the position of
the BURST pulse, (lines 10-263 and 273-525 for NTSC; lines 6-310 and 319-623 for PAL-
B,D,G,I,N(Argentina)).
TTXREQ
17
Teletext Data Request output, requests next line of teletext data.
TTXDATA
19
Teletext Data input.
HSYNC
15
Horizontal Sync, output in master mode, input in slave mode
VSYNC
16
Vertical Sync, output in master mode, input in slave mode
RESET
22
Master reset. This is an asynchronous, active low, input signal and must be asserted for a
minimum 200ns in order to reset the VP5313/VP5513.
VREF
33
Voltage reference output. This output is nominally 1·0V and should be decoupled with a
100nF capacitor to GND.
RREF
34
DAC full scale current control. A resistor connected between this pin and GND sets the
magnitude of the video output current. An internal loop amplifier controls a reference current
flowing through this resistor so that the voltage across it is equal to the Vref voltage. This
reference current has a weighting equal to 20.8 LSB’s.
DACCOMP
25
DAC compensation. A 100nF ceramic capacitor must be connected to AVDD.
CVBS1
32
Composite video output. These are high impedance current source outputs. A DC path to
GND must exist from each of these pins.
BLUE/CVBS2
31
Blue or composite DAC output. Output type as CVBS1.
GREEN/Y
27
Green or luminance DAC output. Output type as CVBS1.
RED/C
26
Red or chrominance DAC output. Output type as CVBS1.
VDD
1, 11, 20
Positive supply input. All VDD pins must be connected.
AVDD
37,28,30
Analog positive supply input. All AVDD pins must be connected.
GND
10,21,43
Negative supply input. All GND pins must be connected.
AGND
36,29,35
Analog negative supply input. All AGND pins must be connected.
PIN DESCRIPTIONS
38-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com