Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  VP5313 Datasheet HTML 1Page - Mitel Networks Corporation VP5313 Datasheet HTML 2Page - Mitel Networks Corporation VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VP5313/VP5513
3
Pins
All pins
All pins
Notes
Meets Mil-Std-883 Class 2
Test Levels
2kV on 100pF through 1k5
Ω
200V on 200pF through 0
Ω & 500nH
Test
Human body model
Machine model
Luminance bandwidth
Chrominance bandwidth (Extended B/w mode)
Chrominance bandwidth (Reduced B/w mode)
Burst frequency (NTSC)
Burst frequency (PAL-B, D,G,H,I)
Burst frequency (PAL-N Argentina)
Burst cycles (NTSC and PAL-N)
Burst cycles ( PAL-B, D, G, H,I)
Burst envelope rise / fall time (NTSC )
Burst envelope rise / fall time (PAL-B, D, G, H, I, N)
Analog video sync rise / fall time (NTSC)
Analog video sync rise / fall time (PAL-B, D, G, H,I)
Analog video blank rise / fall time (NTSC )
Analog video blank rise / fall time (PAL-B, D, G, H,I)
Differential gain
Differential phase
Signal to noise ratio (unmodulated ramp)
Chroma AM signal to noise ratio (100% red field)
Chroma PM signal to noise ratio (100% red field)
Hue accuracy
Colour saturation accuracy
Residual sub carrier
Luminance / chrominance delay
VIDEO CHARACTERISTICS (NTSC, PAL COMPOSITE VIDEO)
Parameter
1
1
-61
-56
-58
2.5
2.5
10
Max.
Symbol
Min.
Typ.
5.5
1.3
650
3.57954545
4.43361875
3.58205625
9
10
300
300
145
245
145
245
-60
5
MHz
MHz
kHz
MHz
MHz
MHz
Fsc cycles
Fsc cycles
ns
ns
ns
ns
ns
ns
% pk-pk
° pk-pk
dB
dB
dB
%
%
dB
ns
Units
ESD COMPLIANCE
19.98
1.337
33.75
17.63
1.40
7.61
7.61
0.40
18.70
8.01
8.01
0.00
DC CHARACTERISTICS DACs
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Symbol
Min.
Typ.
Max.
Units
RGB outputs:
Peak level
Black level
CVBS1, 2 Y and C outputs - NTSC (pedestal enabled)
Maximum output, relative to sync bottom
White level relative to black level
Black level relative to blank level
Blank level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
CVBS1, 2, Y and C outputs - PAL
White level relative to black level
Black level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
All figures are for: RREF = 730
Ω; if RL = 75Ω then RREF = 1460Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com