Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 3Page - Mitel Networks Corporation VP5313 Datasheet HTML 4Page - Mitel Networks Corporation VP5313 Datasheet HTML 5Page - Mitel Networks Corporation VP5313 Datasheet HTML 6Page - Mitel Networks Corporation VP5313 Datasheet HTML 7Page - Mitel Networks Corporation VP5313 Datasheet HTML 8Page - Mitel Networks Corporation VP5313 Datasheet HTML 9Page - Mitel Networks Corporation VP5313 Datasheet HTML 10Page - Mitel Networks Corporation VP5313 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VP5313/VP5513
7
REGISTER DETAILS
BAR
Base register
RA7-0
Register address
PART ID 2-0
Part number
ID17-00
Chip part ID number
REV ID
Revision number
REV7-0
Chip revision ID number
MODE
Mode Control
DACCFG
0
R,G,B & CVBS analog outputs
1
Y,C, CVBS1 & CVBS2 analog outputs
VFS1
VFS0
Video Standard
0
0
PAL-B,D,G,H,I,N(Arg.)
0
1
NTSC
1
0
Reserved
1
1
Reserved
SYNCM1 SYNCM0
Sync mode
0
0
Slave, Rec. 656
0
1
Slave H & V I/P
1
0
Master H & V O/P
1
1
Reserved
GCR
Global Control
FSC4SEL
Input subcarrier frequency select
0
REFSQ I/P = Fsubcarrier
SCSYNC I/P ignored
1
REFSQ I/P = 4 x Fsubcarrier
When SCSYNC I/P is asserted the
REFSQ I/P divide by 4 is reset
GENDITH
Genlock dither addition control
0
No dither added
1
Dither added
GENLKEN
Genlock enable control
0
Internal subcarrier generation
1
When high, enable Genlock to REFSQ
NOLOCK
Genlock status bit (read only)
0
Genlocked
1
Cannot lock to REFSQ.
This bit is cleared by reading and set
again if lock cannot be attained.
PALIDEN
PAL Ident select
0
Normal operation, internal PAL switch
is used.
1
Enables PALID input, a phase control
an for PALID signal, (0 = +135
°, 1 = -135°)
YCDELAY
Add delay to luma channel
0
Luma to Chroma delay, 0ns
1
Luma to Chroma delay, 37ns
CLAMPDIS
CLAMP O/P select
0
CLAMP O/P enabled
1
CLAMP O/P disabled
CVBSCLAMP Composite clamp enable
0
CVBS Clamp disabled
1
Clamps CVBS output, to prevent out of
range DAC codes.
VOCR
Video Output Control
DITHEREN
Luma dither enable
0
Normal operation
1
Luma dither enabled
CHRMCLIP
Chroma clipping select
0
No chroma clipping
1
Enable clipping of chroma data when
luma is clipped
CHRBW
Chroma bandwidth select
0
±650kHz
1
±1·3MHz
SYNCDIS
Sync disable (in CVBS signal)
0
Normal operation
1
Sync disabled
(COMPSYNC O/P is not affected)
BURDIS
Chroma burst disable
0
Normal operation
1
Chroma burst disabled
LUMDIS
Luma input disable - force black level
0
Normal operation
1
Luma disabled
CHRDIS
Chroma input disable - force monochrome
0
Normal operation
1
Chroma disabled
PEDEN
Pedestal (set-up) select
Valid for NTSC
0
Pedestal disabled
1
7·5 IRE pedestal on lines
23-262 and 286-525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com