Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5313 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 10Page - Mitel Networks Corporation VP5313 Datasheet HTML 11Page - Mitel Networks Corporation VP5313 Datasheet HTML 12Page - Mitel Networks Corporation VP5313 Datasheet HTML 13Page - Mitel Networks Corporation VP5313 Datasheet HTML 14Page - Mitel Networks Corporation VP5313 Datasheet HTML 15Page - Mitel Networks Corporation VP5313 Datasheet HTML 16Page - Mitel Networks Corporation VP5313 Datasheet HTML 17Page - Mitel Networks Corporation VP5313 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
VP5313/VP5513
14
10.250
µs
48 IRE
10.500
µs
6.5D (12.910
µs)
2.0D (3.972
µs)
1.0D (1.986
µs)
16.0D (31.778
µs)
32.0D (63.556)
0.240
µs
50 IRE
0 IRE
0 IRE
48 IRE
50 IRE
10.750
µs
0.288
µs
52 IRE
2 IRE
52 IRE
Encoder minimum
Encoder nominal
Encoder maximum
Description
H-sync to clock run-in
Clock run-in 2, 3
Clock run-in to third start bit 3
Data bit 1, 3
Data characters 4
Horizontal line 1
Rise / fall time of data bit transitions 5
Data bit high (logic level one) 6
Clock run-in maximum
Data bit low (logic level zero) 6
Clock run-in minimum
Data bit differential (high - low)
Clock run-in differential (max. - min)
Interval
A
B
C
D
E
H
Table. 5 Closed Caption data timing. (source EIA R - 4.3 Sept 16 1992)
Notes
1.
The Horizontal line frequency fH is nominally 15734.26Hz ±0.05Hz. Interval D shall be adjusted to D = 1/(fH x 32) for the
instantaneous fH at line 21.
2.
The clock run-in signal consists of 7.0 cycles of a 0.5034965MHz (1/D) sine wave when measured from the leading to trailing
0 IRE points. The sine wave is to be symmetrical about the 25 IRE level.
3.
The negative going midpoints (half amplitude) of the clock run-in shall be coherent with the midpoints (half amplitude) of the
Start and Data bit transitions.
4.
Two characters, each consisting of 7 data bits and 1 odd parity bit.
5.
2 T Bar, measured between the 10% and 90% amplitude points.
6.
The clock run-in maximum level shall not differ from the data bit high level by more than
±1 IRE. The clock run-in minimum
level shall not differ from the data bit low level by more than
±1 IRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com