Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 5Page - Texas Instruments LMT87LP Datasheet HTML 6Page - Texas Instruments LMT87LP Datasheet HTML 7Page - Texas Instruments LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Thermal Diodes
OUT
VDD
GND
LMT87, LMT87-Q1
www.ti.com
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The LMT87 and LMT87-Q1 are analog output temperature sensors. The temperature sensing element is
comprised of a simple base emitter junction that is forward biased by a current source. The temperature sensing
element is then buffered by an amplifier and provided to the OUT pin. The amplifier has a simple push-pull output
stage thus providing a low impedance output source.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 LMT87/LMT87-Q1 Transfer Function
The output voltage of the LMT87 and LMT87-Q1, across the complete operating temperature range is shown in
Table 1. This table is the reference from which the LMT87 and LMT87-Q1 accuracy specifications (listed in the
Accuracy Characteristics section) are determined. This table can be used, for example, in a host processor look-
up table. A file containing this data is available for download at LMT87 product folder under Tools and Software
Models.
Table 1. LMT87/LMT87-Q1 Transfer Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-50
3277
-10
2767
30
2231
70
1679
110
1115
-49
3266
-9
2754
31
2217
71
1665
111
1101
-48
3254
-8
2740
32
2204
72
1651
112
1087
-47
3243
-7
2727
33
2190
73
1637
113
1073
-46
3232
-6
2714
34
2176
74
1623
114
1058
-45
3221
-5
2700
35
2163
75
1609
115
1044
-44
3210
-4
2687
36
2149
76
1595
116
1030
-43
3199
-3
2674
37
2136
77
1581
117
1015
-42
3186
-2
2660
38
2122
78
1567
118
1001
-41
3173
-1
2647
39
2108
79
1553
119
987
-40
3160
0
2633
40
2095
80
1539
120
973
-39
3147
1
2620
41
2081
81
1525
121
958
-38
3134
2
2607
42
2067
82
1511
122
944
-37
3121
3
2593
43
2054
83
1497
123
929
-36
3108
4
2580
44
2040
84
1483
124
915
-35
3095
5
2567
45
2026
85
1469
125
901
-34
3082
6
2553
46
2012
86
1455
126
886
-33
3069
7
2540
47
1999
87
1441
127
872
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com