Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 2 Page - Texas Instruments

  LMT87LP Datasheet HTML 1Page - Texas Instruments LMT87LP Datasheet HTML 2Page - Texas Instruments LMT87LP Datasheet HTML 3Page - Texas Instruments LMT87LP Datasheet HTML 4Page - Texas Instruments LMT87LP Datasheet HTML 5Page - Texas Instruments LMT87LP Datasheet HTML 6Page - Texas Instruments LMT87LP Datasheet HTML 7Page - Texas Instruments LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMT87, LMT87-Q1
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 9
1
Features .................................................................. 1
8.3
Feature Description................................................... 9
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 11
3
Description ............................................................. 1
9
Application and Implementation ........................ 12
4
Full-Range Celsius Temperature Sensor (
−50°C
9.1
Application Information............................................ 12
to 150°C) ................................................................. 1
9.2
Typical Applications ............................................... 12
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 14
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 14
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 14
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 15
7.2
ESD Ratings - Commercial ....................................... 5
12
Device and Documentation Support ................. 16
7.3
ESD Ratings - Automotive ........................................ 5
12.1
Related Links ........................................................ 16
7.4
Recommended Operating Conditions ...................... 5
12.2
Community Resources.......................................... 16
7.5
Thermal Information .................................................. 6
12.3
Trademarks ........................................................... 16
7.6
Accuracy Characteristics........................................... 6
12.4
Electrostatic Discharge Caution ............................ 16
7.7
Electrical Characteristics .......................................... 6
12.5
Glossary ................................................................ 16
7.8
Typical Characteristics ............................................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 16
8.1
Overview ................................................................... 9
5 Revision History
Changes from Revision B (May 2014) to Revision C
Page
•
Deleted all mentions of TO-126 package .............................................................................................................................. 1
•
Added TO-92 LPM pin configuration graphic ......................................................................................................................... 4
•
Changed Handling Ratings to ESD Ratings and moved Storage Temperature to Absolute Maximum Ratings table........... 5
•
Changed KV to V ................................................................................................................................................................... 5
•
Added layout recommendation for TO-92 LP and LPM packages....................................................................................... 15
•
Added Community Resources ............................................................................................................................................. 16
Changes from Revision A (June 2013) to Revision B
Page
•
Added data sheet flow and layout to conform with new TI standards. Added the following sections: Application and
Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, Mechanical,
Packaging, and Orderable Information .................................................................................................................................. 1
•
Added TO-92 and TO-126 package information. .................................................................................................................. 1
•
Changed 450 °C/W to 275 °C/W. New specification is derived using TI ' s latest methodology. ......................................... 6
•
Deleted Note: The input current is leakage only and is highest at high temperature. It is typically only 0.001
μA. The
1
μA limit is solely based on a testing limitation and does not reflect the actual performance of the part............................. 6
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com