Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments LMT87LP Datasheet HTML 16Page - Texas Instruments LMT87LP Datasheet HTML 17Page - Texas Instruments LMT87LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LMT87, LMT87-Q1
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
www.ti.com
Typical Applications (continued)
9.2.2.3 Application Curves
Time: 500
μsec/div; Top trace: VDD 1 V/div;
Time: 500
μsec/div; Top trace: VDD 1 V/div;
Bottom trace: OUT 1 V/div
Bottom trace: OUT 1 V/div
Figure 15. Output Turn-on Response Time without a
Figure 16. Output Turn-on Response Time with a 1.1 nF
Capacitive Load and VDD=3.3V
Capacitive Load and VDD=3.3V
Time: 500
μsec/div; Top trace: VDD 2 V/div;
Time: 500
μsec/div; Top trace: VDD 2 V/div;
Bottom trace: OUT 1 V/div
Bottom trace: OUT 1 V/div
Figure 18. Output Turn-on Response Time with a 1.1 nF
Figure 17. Output Turn-on Response Time without a
Capacitive Load and VDD=5V
Capacitive Load and VDD=5V
10 Power Supply Recommendations
The low supply current and supply range of 2.7 V to 5.5 V allow the device to easily be powered from many
sources.
Power supply bypassing is optional and is mainly dependent on the noise on the power supply used. In noisy
systems it may be necessary to add bypass capacitors to lower the noise that is coupled to the output of the
LMT87.
11 Layout
11.1 Layout Guidelines
The LMT87 is extremely simple to layout. If a power supply bypass capacitor is used, it should be connected as
shown in the Layout Example.
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com