Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 7Page - Texas Instruments LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OUT
LMT87
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD ” 1100 pF
J
A
JA
DD S
DD
OUT
L
T = T +
(V I ) + (V
- V
) I
T
ª
º
¬
¼
LMT87, LMT87-Q1
www.ti.com
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
8.4 Device Functional Modes
8.4.1 Mounting and Thermal Conductivity
The LMT87 and LMT87-Q1 can be applied easily in the same way as other integrated-circuit temperature
sensors. It can be glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LMT87 and LMT87-Q1 die is directly attached to the
GND pin (Pin 2 of the SC70 DCK package). The temperatures of the lands and traces to the other leads of the
LMT87 and LMT87-Q1 will also affect the temperature reading.
Alternatively, the LMT87 and LMT87-Q1 can be mounted inside a sealed-end metal tube, and can then be
dipped into a bath or screwed into a threaded hole in a tank. As with any IC, the LMT87 and LMT87-Q1 and
accompanying wiring and circuits must be kept insulated and dry, to avoid leakage and corrosion. This is
especially true if the circuit may operate at cold temperatures where condensation can occur. If moisture creates
a short circuit from the output to ground or VDD, the output from the LMT87 and LMT87-Q1 will not be correct.
Printed-circuit coatings are often used to ensure that moisture cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (RθJA or θJA) is the parameter used to calculate the rise of a device
junction temperature due to its power dissipation. The equation used to calculate the rise in the LMT87 and
LMT87-Q1's die temperature is:
(7)
where TA is the ambient temperature, IS is the supply current, IL is the load current on the output, and Vout is the
output voltage. For example, in an application where TA = 30°C, VDD = 5 V, IS = 5.4 μA, VOUT = 2231 mV, and IL
= 2
μA, the junction temperature would be 30.014°C, showing a self-heating error of only 0.014°C. Since the
junction temperature of the LMT87 and LMT87-Q1 is the actual temperature being measured, care should be
taken to minimize the load current that the LMT87 and LMT87-Q1 is required to drive. Thermal Information
shows the thermal resistance of the LMT87 and LMT87-Q1.
8.4.2 Output Noise Considerations
A push-pull output gives the LMT87 and LMT87-Q1 the ability to sink and source significant current. This is
beneficial when, for example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC).
In these applications the source current is required to quickly charge the input capacitor of the ADC. The LMT87
and LMT87-Q1 is ideal for this and other applications which require strong source or sink current.
The LMT87 and LMT87-Q1 supply-noise gain (the ratio of the AC signal on VOUT to the AC signal on VDD) was
measured during bench tests. Its typical attenuation is shown in Figure 8 found in the Typical Characteristics
section. A load capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 5 centimeters of the LMT87 and LMT87-Q1.
8.4.3 Capacitive Loads
The LMT87 and LMT87-Q1 handles capacitive loading well. In an extremely noisy environment, or when driving
a switched sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling.
Without any precautions, the LMT87 and LMT87-Q1 can drive a capacitive load less than or equal to 1100 pF, as
shown in Figure 10. For capacitive loads greater than 1100 pF, a series resistor may be required on the output,
as shown in Figure 11.
Figure 10. LMT87 No Decoupling Required for Capacitive Loads Less than 1100 pF
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com