Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments LMT87LP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
LMT87
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
+2.7V to +5.5V
RS
OUT
LMT87
VDD
GND
CLOAD > 1100 pF
OPTIONAL
BYPASS
CAPACITANCE
LMT87, LMT87-Q1
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
Figure 11. LMT87 with Series Resistor for Capacitive Loading Greater than 1100 pF
CLOAD
MINIMUM RS
1.1 nF to 99 nF
3 k
Ω
100 nF to 999 nF
1.5 k
Ω
1
μF
800
Ω
8.4.4 Output Voltage Shift
The LMT87 and LMT87-Q1 is very linear over temperature and supply voltage range. Due to the intrinsic
behavior of an NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is
ramped over the operating range of the device. The location of the shift is determined by the relative levels of
VDD and VOUT. The shift typically occurs when VDD- VOUT = 1 V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VOUT. Since
the shift takes place over a wide temperature change of 5°C to 20°C, VOUT is always monotonic. The accuracy
specifications in the Accuracy Characteristics table already include this possible shift.
9 Application and Implementation
9.1 Application Information
The LMT87/LMT87-Q1 features make it suitable for many general temperature sensing applications. It can
operate down to 2.7-V supply with 5.4-µA power consumption. Package options including through-hole TO-92
package also allows the LMT87 to be mounted on-board, off-board, to a heat sink, or on multiple unique
locations in the same application.
9.2 Typical Applications
9.2.1 Connection to ADC
Figure 12. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com