Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT87LP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments LMT87LP Datasheet HTML 16Page - Texas Instruments LMT87LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LMT87
VOUT
VDD
SHUTDOWN
Any logic
device output
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
±50
0
50
100
150
TEMPERATURE (
ƒC)
C001
LMT87, LMT87-Q1
www.ti.com
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
Typical Applications (continued)
9.2.1.1 Design Requirements
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When
the ADC charges the sampling cap, it requires instantaneous charge from the output of the analog source such
as the LMT87 and LMT87-Q1 temperature sensor and many op amps. This requirement is easily accommodated
by the addition of a capacitor (CFILTER).
9.2.1.2 Detailed Design Procedure
The size of CFILTER depends on the size of the sampling capacitor and the sampling frequency. Since not all
ADCs have identical input stages, the charge requirements will vary. This general ADC application is shown as
an example only.
9.2.1.3 Application Curves
Figure 13. Analog Output Transfer Function
9.2.2 Conserving Power Dissipation with Shutdown
Figure 14. Simple Shutdown Connection of the LMT87
9.2.2.1 Design Requirements
Since the power consumption of the LMT87 is less than 9 µA, it can simply be powered directly from any logic
gate output, thus not requiring a specific shutdown pin. The device can even be powered directly from a
microcontroller GPIO. In this way it can easily be turned off for cases such as battery powered systems where
power savings is critical.
9.2.2.2 Detailed Design Procedure
Simply connect the VDD pin of the LMT87 directly to the logic shutdown signal from a microcontroller.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMT87 LMT87-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com