Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 2Page - Motorola, Inc MPC8264CVR Datasheet HTML 3Page - Motorola, Inc MPC8264CVR Datasheet HTML 4Page - Motorola, Inc MPC8264CVR Datasheet HTML 5Page - Motorola, Inc MPC8264CVR Datasheet HTML 6Page - Motorola, Inc MPC8264CVR Datasheet HTML 7Page - Motorola, Inc MPC8264CVR Datasheet HTML 8Page - Motorola, Inc MPC8264CVR Datasheet HTML 9Page - Motorola, Inc MPC8264CVR Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
– Internal rate mode (sub-rate)—FCC transfers only the data cells using the required data rate.
The TC layer generates idle/unassigned cells to maintain the line bit rate.
— Supports TC-layer and PMD-WIRE interface (according to the ATM-Forum af-phy-0063.000)
— Cell counters for performance monitoring
– 16-bit counters count
– HEC error cells
– HEC single bit error and corrected cells
– Idle/unassigned cells filtered
– Idle/unassigned cells transmitted
– Transmitted ATM cells
– Received ATM cells
– Maskable interrupt is sent to the host when a counter expires
— Overrun (Rx cell FIFO) and underrun (Tx cell FIFO) condition produces maskable interrupt
— May be operated at E1 and DS-1 rates. In addition, xDSL applications at bit rates up to 10 Mbps
are supported
•
PCI bridge (MPC8265 and MPC8266 only)
— PCI Specification Revision 2.2 compliant and supports frequencies up to 66 MHz
— On-chip arbitration
— Support for PCI to 60x memory and 60x memory to PCI streaming
— PCI Host Bridge or Periphera
l capabilities
— Includes 4 DMA channels for the following transfers:
– PCI-to-60x to 60x-to-PCI
– 60x-to-PCI to PCI-to-60x
– PCI-to-60x to PCI-to-60x
– 60x-to-PCI to 60x-to-PCI
— Includes all of the configuration registers (which are automatically loaded from the EPROM
and used to configure the MPC8265) required by the PCI standard as well as message and
doorbell registers
— Supports the I2O standard
— Hot-Swap friendly (supports the Hot Swap Specification as defined by PICMG 2.1 R1.0
August 3, 1998)
— Support for 66 MHz, 3.3 V specification
— 60x-PCI bus core logic which uses a buffer pool to allocate buffers for each port
— Makes use of the local bus signals, so there is no need for additional pins
1.2
Electrical and Thermal Characteristics
This section provides AC and DC electrical specifications and thermal characteristics for the MPC826xA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com