Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 26 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 22Page - Motorola, Inc MPC8264CVR Datasheet HTML 23Page - Motorola, Inc MPC8264CVR Datasheet HTML 24Page - Motorola, Inc MPC8264CVR Datasheet HTML 25Page - Motorola, Inc MPC8264CVR Datasheet HTML 26Page - Motorola, Inc MPC8264CVR Datasheet HTML 27Page - Motorola, Inc MPC8264CVR Datasheet HTML 28Page - Motorola, Inc MPC8264CVR Datasheet HTML 29Page - Motorola, Inc MPC8264CVR Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
1001_100
66 MHz
3.5
233 MHz
4.5
300 MHz
4/8
58/29 MHz
1010_000
100 MHz
2
200 MHz
2
200 MHz
3/6
66/33 MHz
1010_001
100 MHz
2
200 MHz
2.5
250 MHz
3/6
66/33 MHz
1010_010
100 MHz
2
200 MHz
3
300 MHz
3/6
66/33 MHz
1010_011
100 MHz
2
200 MHz
3.5
350 MHz
3/6
66/33 MHz
1010_100
100 MHz
2
200 MHz
4
400 MHz
3/6
66/33 MHz
1011_000
100 MHz
2.5
250 MHz
2
200 MHz
4/8
62/31 MHz
1011_001
100 MHz
2.5
250 MHz
2.5
250 MHz
4/8
62/31MHz
1011_010
100 MHz
2.5
250 MHz
3
300 MHz
4/8
62/31 MHz
1011_011
100 MHz
2.5
250 MHz
3.5
350 MHz
4/8
62/31 MHz
1011_100
100 MHz
2.5
250 MHz
4
400 MHz
4/8
62/31 MHz
1 Input clock frequency is given only for the purpose of reference. User should set MODCK_H–MODCK_L so that
the resulting configuration does not exceed the frequency rating of the user’s part.
2 The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency is
divided by 2 (33 instead of 66 MHz, etc.). Refer to Table 14.
3 In this mode, PCI_MODCK must be “0”.
Table 16. Clock Configuration Modes in PCI Host Mode (Continued)
MODCK_H –
MODCK[1–3]
Input Clock
Frequency1
(Bus)
CPM
Multiplication
Factor
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency
PCI Division
Factor2
PCI
Frequency2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com