Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 9Page - Motorola, Inc MPC8264CVR Datasheet HTML 10Page - Motorola, Inc MPC8264CVR Datasheet HTML 11Page - Motorola, Inc MPC8264CVR Datasheet HTML 12Page - Motorola, Inc MPC8264CVR Datasheet HTML 13Page - Motorola, Inc MPC8264CVR Datasheet HTML 14Page - Motorola, Inc MPC8264CVR Datasheet HTML 15Page - Motorola, Inc MPC8264CVR Datasheet HTML 16Page - Motorola, Inc MPC8264CVR Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
13
Electrical and Thermal Characteristics
Table 7 lists CPM output characteristics.
Table 8 lists CPM input characteristics.
Note that although the specifications generally reference the rising edge of the clock, the following AC
timing diagrams also apply when the falling edge is the active edge.
Table 6. Output Buffer Impedances1
1 These are typical values at 65˚ C. The impedance may vary
by ±25% with process and temperature.
Output Buffers
Typical Impedance (
Ω)
60x bus
40
Local bus
40
Memory controller
40
Parallel I/O
46
PCI
25
Table 7. AC Characteristics for CPM Outputs1
1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Max Delay (ns)
Min Delay (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp36a
sp37a
FCC outputs—internal clock (NMSI)
6
5.5
1
1
sp36b
sp37b
FCC outputs—external clock (NMSI)
14
12
2
1
sp40
sp41
TDM outputs/SI
25
16
5
4
sp38a
sp39a
SCC/SMC/SPI/I2C outputs—internal clock (NMSI)
19
16
1
0.5
sp38b
sp39b
Ex_SCC/SMC/SPI/I2C outputs—external clock (NMSI)
19
16
2
1
sp42
sp43
TIMER/IDMA outputs
14
11
1
0.5
sp42a
sp43a
PIO outputs
14
11
0.5
0.5
Table 8. AC Characteristics for CPM Inputs1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp16a
sp17a
FCC inputs—internal clock (NMSI)
10
8
0
0
sp16b
sp17b
FCC inputs—external clock (NMSI)
3
2.5
3
2
sp20
sp21
TDM inputs/SI
15
12
12
10
sp18a
sp19a
SCC/SMC/SPI/I2C inputs—internal clock (NMSI)
20
16
0
0
sp18b
sp19b
SCC/SMC/SPI/I2C inputs—external clock (NMSI)
5454
sp22
sp23
PIO/TIMER/IDMA inputs
10
8
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com