Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 16Page - Motorola, Inc MPC8264CVR Datasheet HTML 17Page - Motorola, Inc MPC8264CVR Datasheet HTML 18Page - Motorola, Inc MPC8264CVR Datasheet HTML 19Page - Motorola, Inc MPC8264CVR Datasheet HTML 20Page - Motorola, Inc MPC8264CVR Datasheet HTML 21Page - Motorola, Inc MPC8264CVR Datasheet HTML 22Page - Motorola, Inc MPC8264CVR Datasheet HTML 23Page - Motorola, Inc MPC8264CVR Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
NOTE
The UPM machine outputs change on the internal tick determined by the
memory controller programming; the AC specifications are relative to the
internal tick. Note that SDRAM and GPCM machine outputs change on
CLKin’s rising edge.
1.3
Clock Configuration Modes
To configure the main PLL multiplication factor and the core, CPM, and 60x bus frequencies, the
MODCK[1–3] pins are sampled while HRESET is asserted. Table 12 lists the eight basic configuration
modes. Table 13 lists the other modes that are available by using the configuration pin (RSTCONF) and
driving four bits from hardware configuration word on the data bus.
Note that the MPC8265 and the MPC8266 have two additional clocking modes—PCI agent and PCI host.
Refer to Section 1.3.2, “PCI Mode” on page 23 for information.
NOTE
Clock configurations change only after POR is asserted.
1.3.1
Local Bus Mode
Table 12 describes default clock modes for the MPC826xA.
Table 13 describes all possible clock configurations when using the hard reset configuration sequence.
Note that basic modes are shown in boldface type. The frequencies listed are for the purpose of illustration
only. Users must select a mode and input bus frequency so that the resulting configuration does not exceed
the frequency rating of the user’s device.
Table 12. Clock Default Modes
MODCK[1–3]
Input Clock
Frequency
CPM Multiplication
Factor
CPM
Frequency
Core Multiplication
Factor
Core
Frequency
000
33 MHz
3
100 MHz
4
133 MHz
001
33 MHz
3
100 MHz
5
166 MHz
010
33 MHz
4
133 MHz
4
133 MHz
011
33 MHz
4
133 MHz
5
166 MHz
100
66 MHz
2
133 MHz
2.5
166 MHz
101
66 MHz
2
133 MHz
3
200 MHz
110
66 MHz
2.5
166 MHz
2.5
166 MHz
111
66 MHz
2.5
166 MHz
3
200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com