Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 17 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 13Page - Motorola, Inc MPC8264CVR Datasheet HTML 14Page - Motorola, Inc MPC8264CVR Datasheet HTML 15Page - Motorola, Inc MPC8264CVR Datasheet HTML 16Page - Motorola, Inc MPC8264CVR Datasheet HTML 17Page - Motorola, Inc MPC8264CVR Datasheet HTML 18Page - Motorola, Inc MPC8264CVR Datasheet HTML 19Page - Motorola, Inc MPC8264CVR Datasheet HTML 20Page - Motorola, Inc MPC8264CVR Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
17
Electrical and Thermal Characteristics
Table 10 lists SIU input characteristics.
Table 10 lists SIU output characteristics.
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller)
improves the AC timing. When data pipelining is activated, sp12 can be
used for data bus setup even when ECC or PARITY are used. Also, sp33a
can be used as the AC specification for DP signals.
Figure 9 shows the interaction of several bus signals.
Table 9. AC Characteristics for SIU Inputs1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Setup (ns)
Hold (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp11
sp10
AACK/ARTRY/TA/TS/TEA/DBG/BG/BR
6
5
0.5
0.5
sp12
sp10
Data bus in normal mode
5
4
0.5
0.5
sp13
sp10
Data bus in ECC and PARITY modes
8
6
0.5
0.5
sp14
sp10
DP pins
7
6
0.5
0.5
sp15
sp10
All other pins
5
4
0.5
0.5
Table 10. AC Characteristics for SIU Outputs1
1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the
signal. Timings are measured at the pin.
Spec Number
Characteristic
Max Delay (ns)
Min Delay (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp31
sp30
PSDVAL/TEA/TA
7
6
0.5
0.5
sp32
sp30
ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
0.5
0.5
sp33a
sp30
Data bus
6.5
6.5
0.5
0.5
sp33b
sp30
DP
8
7
0.5
0.5
sp34
sp30
Memory controller signals/ALE
6
5
0.5
0.5
sp35
sp30
All other signals
6
5.5
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com