Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264CVR Datasheet(PDF) 22 Page - Motorola, Inc

Part # MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 18Page - Motorola, Inc MPC8264CVR Datasheet HTML 19Page - Motorola, Inc MPC8264CVR Datasheet HTML 20Page - Motorola, Inc MPC8264CVR Datasheet HTML 21Page - Motorola, Inc MPC8264CVR Datasheet HTML 22Page - Motorola, Inc MPC8264CVR Datasheet HTML 23Page - Motorola, Inc MPC8264CVR Datasheet HTML 24Page - Motorola, Inc MPC8264CVR Datasheet HTML 25Page - Motorola, Inc MPC8264CVR Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
0100_001
Reserved
0100_010
0100_011
0100_100
0100_101
0100_110
0100_111
Reserved
0101_000
0101_001
0101_010
0101_011
0101_100
0101_101
66 MHz
2
133 MHz
2
133 MHz
0101_110
66 MHz
2
133 MHz
2.5
166 MHz
0101_111
66 MHz
2
133 MHz
3
200 MHz
0110_000
66 MHz
2
133 MHz
3.5
233 MHz
0110_001
66 MHz
2
133 MHz
4
266 MHz
0110_010
66 MHz
2
133 MHz
4.5
300 MHz
0110_011
66 MHz
2.5
166 MHz
2
133 MHz
0110_100
66 MHz
2.5
166 MHz
2.5
166 MHz
0110_101
66 MHz
2.5
166 MHz
3
200 MHz
0110_110
66 MHz
2.5
166 MHz
3.5
233 MHz
0110_111
66 MHz
2.5
166 MHz
4
266 MHz
0111_000
66 MHz
2.5
166 MHz
4.5
300 MHz
0111_001
66 MHz
3
200 MHz
2
133 MHz
0111_010
66 MHz
3
200 MHz
2.5
166 MHz
0111_011
66 MHz
3
200 MHz
3
200 MHz
0111_100
66 MHz
3
200 MHz
3.5
233 MHz
0111_101
66 MHz
3
200 MHz
4
266 MHz
0111_110
66 MHz
3
200 MHz
4.5
300 MHz
Table 13. Clock Configuration Modes1 (Continued)
MODCK_H–MODCK[1–3]
Input Clock
Frequency2,3
CPM Multiplication
Factor2
CPM
Frequency2
Core Multiplication
Factor2
Core
Frequency2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com