Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRW-V12 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WENSHING TRW-V12 Module is designed, developed and manufactured as
contemplated for general use, including without
limitation, ordinary industrial use, general office use, personal use, and
household use, but is not designed, developed and manufactured as
contemplated
(1) for use accompanying fatal risks or dangers that, unless extremely high
safety is secured, could have a serious effect to the public, and could lead
directly to death,
personal injury, severe physical damage or other loss (i.e., nuclear reaction
control in nuclear facility, aircraft flight control, air traffic control, mass transport
control, medical life support system, missile launch control in weapon
system).
(2) for use requiring extremely high reliability (i.e., submersible repeater and
artificial satellite).
You shall not use this product for the above-mentioned uses.
If your equipment is likely to be used for the above-mentioned uses, please
consult with our sales representative before use.
WENSHING Component Limited shall not be liable against you and/or any
third party for any claims or damages arising
in connection with the above-mentioned uses of this product.
Function Introduction
TRW-V12 is wireless high power data two-way transceiver RF module. The
key feature of this module is its resilience against interference, which way
surpass traditional wireless module. The build in Saw Filter can remove
unnecessary interference signals. When the transmitting distance is not far
enough during operational environment, relay protocol station can be used to
forward signal; also, transmitting to other interface if it is required.
This module is fully digitalized structure designed, there is no adjustment
required. This module includes UR and I2C interface, which provide
convenience communication. Also, we can modify software, including special
monitor point for voltage (A/D), current, output voltage (D/A) according to
customer demand. End product requirement can be met without add MCU; this
will save designing time for user.
Another key feature of TRW-V8 is its wide operating temperature, which is
between -20 and +70°C. The build-in AFC can auto-lock frequency, there is no
need to worry about frequency shifting after long period of operation.
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com