Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TRW-V12 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Internal Block Diagram
Absolute Maximum Rating
Minimum
Maximum
Units
Operating conditions
Supply voltages
-0.3
5.5
V
VDD
0
V
GND
Input voltage
-0.3
3.6
V
VI(DATA IN)
Output voltage
GND TO 3
GND TO 3
V
VO
Total Power Dissipation
GND
GND
/RESET
VDD IN
P2
P0.0
3V OUT
P0.2
P0.3
TX
P0.1/DA
RX
P0.5
P0.7
P1.6/I2C CLK
P1.7/I2C DATA
DC MAX 5V
G sensor OPTION
TEMP Sensor OPTION
G sensor OPTION
Regulator
To ur TTL (RX)
To ur TTL (TX)
I2C CLK
I2C DATA
MCU
RF
D/A
EXT ANT
TRW-V12Block
A/D
LED
LED
LED
LED
SWITCH
SWITCH
OPTINO
OPTINO
I2C
OPTINO
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com