Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
beginning rate is 9600bps.
 The third~ forth Byte:group (GID),set up range 0000~FFFF
 The fifth Byte:instrument ID(SID),set up range 00~FF
 The sixth Byte:wrong parameter, fixed as 0x00
 The seventh Byte:transmit rate, set up range 00~07; Normally, the RF
transmit rate must greater than interface speed rate when setting up, it
prevent having the wrong information.
 The eighth ~ tenth Byte:working frequency, calculation:
MHz*1000=KHz, and transfer to 16 Bytes.
For example: when it is at 434MHz working frequency,
434*1000=434000=0x06 9F 5 fill in 06 in the eighth Byte, fill in 9F in the
ninth Byte, fill in 50 in the tenth Byte.
When it is at 432.5MHz working frequency, 432.5*1000=432500=0x06 99
74; fill in 06 in the eighth Byte, fill in 99 in the ninth Byte, fill in 74 in the
tenth Byte.
 The eleventh Byte:
Bit0~Bit2:shooting rate,set up range 0~7
Output Power
dBm
Set Value
Hex (Bit0~Bit2)
5
0
000
12
1
001
17
2
010
21
3
011
24
4
100
25
5
101
26
6
110
27
7
111
Bit3~Bit5:wrong parameter,fixed as 000
Bit6~Bit7:instrument working mode,there are four mode:
Value
0
1
2
3
4
5
6
7
Rate(bps)
1200
2400
4800
9600
19.2K 38.4K
57.6K
115.2K
Value
0
1
2
3
4
5
6
7
Rate(bps)
1600
3200
6400
12.8K 25.6K 51.2K 76.8K 128K
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com