Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRW-V12 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TRW-V12 has wide range of usage other than transmitting date. This module
can vibration collector, (detecting landslides) and weather detection. Other
function can be added accordingly; also, software can be changed, this
module is convenient and easy to use.
Application
Safety Monitoring System
900MHz Wireless Cordless
Wireless Remote Control Car
Wireless Remote Control Robot
Meter, Water Meter, Coin Data Acquisition
Wireless Modem
Debris Flow Detection Point
Weather Detection point
Wireless Transmission network Transfer Function
WSN
Electrical Specification
Parameter
Min
Type
Max
Unit
Condition
Operating Condition
Operating Temperature Range
-10
+27
+70
℃
Operating Supply Voltage
4.5
5
5.5
V
Current Consumption
RX Mode (5VDC)
30
35
mA
TX Mode (5VDC)
500
mA
Peak
RF Characteristic
Frequency Range
418
434
440
MHz
Data Rate
1.6
128
Kbps
GFSK
TX Output Power
0
30
dBm
RX Sensitivity
-128
-128
dBm
Modulation
GFSK
Other
ESD
2000
V
Interface Data Rate
1.2
115.2
Kbps
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com