Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TRW-V12 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Pin Assignment
Pin
Name
I/O
Description
1
ANT
I/O
To ext Antenna
2
GND
RF GND
RF GND
3
GND
Ground
Ground
4
/RESET
I
Active low module reset
5
P20
I/O
General I/O usage
6
3V OUT
POWER
3V output can connect to current under 50mA.
7
P2.0/Crystal
I/O
General I/O usage, Option: can connect to
32.768KHz Crystal
8
P0.1/AUO
I/O
General I/O usage, Option: can be Data
converted to analog (D/A)
9
P0.5
I/O
General I/O usage, Option: can be analog
converted to Data (A / D)
10
P1.6/CLK
I/O
General I/O usage, Option: can be used as I2C CLK
11
P1.7
I/O
General I/O usage, Option: can be used as I2C Date
12
P0.7
I/O
General I/O usage, (for producing
test RF Pin)
13
RX
I
UR interface,(TTL 3V), can connect to RS-232 Chip TX
14
TX
O
UR interface,(TTL 3V), can connect to RS-232 Chip RX
15
P0.2/Crystal
I/O
General I/O Usage, Option: can connect to 32.768 KHz
Crystal
16
P0.0
I/O
General I/O Usage,
17
VDD IN
POWER
Power Supply 3.7~5.5V
18
GND
Ground
Ground
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com