Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRW-V12 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TRW-V12
Description  418~440MHz Wireless RF Hi Power Transceiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V12 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TRW-V12 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-V12 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Mode 1 (long data mode: set up as 00):
GID of every instrument can receive info at this mode, and it can specifically
use on data info that is larger than 127Bytes.
Mode 2 (ID: info mode 1:set up as 01):
Once GID can transmit to particular SID instrument under this mode, it is
one to many; the single info must ≦127Bytes.
Transmission: The first Byte is the SID of the receiver, and from the second
byte, it becomes data.
Example: The SID of device A is 55, the SID of device B is 88, and they have
the same GID. Under mode 2, device A is going to transmit data
0x1234567890, 5 Bytes in total, to B device, A then sends data
0x881234567890, 6Bytes in total to B, B will receive 0x551234567890, 6Byte
in total. The first Byte is the SID of the transmitter.
Mode 3 (ID: info mode 2:set up as 10):
Once GID can transmit to particular SID instrument under this mode, it is
one to many; the single info must≦127Bytes.
Transmission: Data shall be transmitted under the same rule of the thirteen to
thirty-two Byte.
Example: The GID of device A = AAAA, SID = 55; the GID of device B = BBBB,
SID = 88; the GID of device C = CCCC, SID = 99.
A is going to transmit 0x1234567890 to B, 5 Bytes in total. A then sends
0x04FFBBBB881234567890, 10 Bytes in total, to B, B will receive
0x1234567890,
5 Bytes in total.
A is going to transmit 0x1234567890, 5 Bytes in total, to B via C. A then sends
0x08FFBBBB88FFCCCC991234567890, 14 Bytes in total, C will receive
0x1234567890, 5 Bytes in total, but B will not receive any data.
Mode 4 ( saved ID data mode: set up as 11):
It can set in advance to save particular GID and SID way, it will transmit it
back referring to the track it is saved. It can forward the track up to fourteen
times, the single info must≦127Bytes.
The twelfth Byte:wrong parameter, it fixed as 0x00.
 The thirteenth ~ the thirty-two Byte:the pre saved track, it only works
under mode 4 (saved ID data mode).
The thirteenth Byte:It shows how much information in the fourteenth
Byte ~thirty-two Byte.
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V12 Datasheet P.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com