Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
15
MRCLK/SYMRCLK
I
128
114
Supports either the 25-MHZ or 2.5-MHZ receive
clock. This clock is recovered by the PHY.
MRXD<3>/SYMRXD<3>
MRXD<2>/SYMRXD<2>
MRXD<1>/SYMRXD<1>
MRXD<0>/SYMRXD<0>
I
132,
131,
130,
129
118,
117,
116,
115
Four parallel receive data lines When MII mode is
selected. This data is driven by an external PHY that
attached the media and should be synchronized with
the MRCLK/SYMRCLK signal.
MTCLK/SYMTCLK
I
137
123
Supports the 25-MHZ or 2.5-MHZ transmit clock
supplied by the external physical layer medium
dependent (PMD) device. This clock should always
be active.
MTXD<3>/SYMTXD<3>
MTXD<2>/SYMTXD<2>
MTXD<1>/SYMTXD<1>
MTXD<0>/SYMTXD<0>
O
145,
144,
141,
140
131,
130,
127,
126
Four parallel transmit data lines. This data is
synchronized to the assertion of the
MTCLK/SYMTCLK signal and is latched by the
external PHY on the rising edge of the
MTCLK/SYMTCLK signal.
MTXEN/SYMTXEN
O
139
125
Transmit enable signals that the transmit is active to
an external PHY device. In PCS mode (REG6<23>),
This signal reflects the transmit activity of the MAC
sub-layer.
RCV_MATCH
O
136
122
Receive match indication is asserted when a received
packet has passed address recognition.
Receive match indication is asserted when a received
packet has passed address recognition.
SD
I
123
109
Signal detect indication supplied by an external
physical layer medium dependent (PMD) device.
SRL_CLSN
I
148
134
Collision detect signals a collision occurrence on the
Ethernet cable to the AX88140A. It may be asserted
and deasserted asynchronously by the external
ENDEC to the receive clock.
SRL_RCLK
I
151
137
Receive clock carries the recovered receive clock
supplied by an external ENDEC. during idle periods,
SRL_RCLK may be inactive.
SRL_RXD
I
149
135
Receive data carries the input receive data from the
external ENDEC. The incoming data should be
synchronous with the SRL_RCLK signal.
SRL_RXEN
I
150
136
Receive enable signals activity on the Ethernet cable
to the AX88140A. It is asserted when receive data is
present on the Ethernet cable and is deasserted at the
end of a frame. It may be asserted and deasserted
asynchronously to the receive clock (SRL_RCLK) by
the external ENDEC.
SRL_TCLK
I
153
139
Transmit clock carries the transmit clock supplied by
an external ENDEC. This clock must always be
active (even during reset).
SRL_TXD
O
152
138
Transmit data carries the serial output data from the
AX88140A. This data is synchronized to the
SRL_TCLK signal.
SRL_TXEN
O
154
140
Transmit enable signals an external ENDEC That the
AX88140A transmit is in progress.
SYMRXD <4>
I
133
119
Receive data, together with the four receive lines
MII/SYM_RXD<3:0>, Provide five parallel lines of
data in symbol from for use in PCS mode
(100BASE-T, REG6<23). This data is synchronized
on the rising edge of the MTCLK/SYMTCLK signal.
SYMTXD<4>
O
146
132
Transmit data, together with the our transmit lines
MII/SYM_TXD<3:0>,provide five parallel lines of
data in symbol form for use in PCS mode
(100BASE-T, REG6<23>). This data is synchronized
on the rising edge of the MII/SYM_TCLK signal.
Tab - 3 MII/SYM/SRL interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com