Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 31Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 32Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 33Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 34Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 35Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 36Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 37Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 38Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
35
6.0 Electrical Specification and Timings
6.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Storage Temperature
Ts
-55
+150
°C
Supply Voltage
Vcc
-0.5
+7
V
Input Voltage
Vin
Vss-0.5
Vdd+0.5
V
Output Voltage
Vout
Vss-0.5
Vdd+0.5
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+250
°C
Note : Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability
6.2 General Operation Conditions
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Supply Voltage
Vdd
+4.75
+5.25
V
6.3 DC Characteristics
(Vdd=4.75V to 5.25V, Vss=0V, Ta=0
°C to 70°C)
Description
SYM
Min
Max
Units
Low Input Voltage
Vil
Vss-0.5
0.8
V
High Input Voltage
Vih
2
Vdd+0.5
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
2.4
-
V
Input Leakage Current 1 (Note 1)
Iil1
-
10
uA
Input Leakage Current 2 (Note 2)
Iil1
-
500
uA
Output Leakage Current
Iol
-
10
uA
Note :
1.
All the input pins without pull low or pull high.
2.
Those pins had been pull low or pull high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com