Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
18
3.2 Configuration Space
3.2.1 Configuration ID Register (CSID)
FIELD
R/W
DESCRIPTION
31:16
R
Device ID :
Provides the unique AX88140A ID number (1400H)
15:0
R
Vender ID :
Provides the manufacturer of the AX88140A (125BH)
Tab - 6 CSID Configuration ID Register Description
3.2.2 Command and Status Configuration Register (CSCS)
FIELD
R/W
TYPE
DESCRIPTION
31
R
STATUS
Detected Parity Error : active high
30
R
STATUS
Signal System Error : active high
29
R
STATUS
Received Master Abort : active high
28
R
STATUS
Received Target Abort : active high
26:25
R
STATUS
Device Select Timing : fixed at 01 which indicates a medium assertion of DEVSEL#
24
R
STATUS
Data Parity Report : active high
23
R
STATUS
Fast Back-to-Back : always set
22:9
-
RESERVED
8
R/W
COMMAND
System Error Enable : active high
6
R/W
COMMAND
Parity Error Response : active high
2
R/W
COMMAND
Master Operation : active high
1
R/W
COMMAND
Memory Space Access : active high
0
R/W
COMMAND
I/O Space Access : Active high
Tab - 7 CSCS Command and Status Configuration Register
3.2.3 Configuration Revision Register (CSRV)
FIELD
R/W
DESCRIPTION
31:24
R
Base Class : Always equal to 2H that indicates the network controller
23:16
R
Subclass : Always equal to 0H that indicates the fast Ethernet controller
7:4
R
Revision Number : Indicates the AX88140A revision number and is equal to 0H
3:0
R
Step Number : Indicates the AX88140A step number and is referred to current silicon step.
Tab - 8 CSRV Configuration Revision Register Description
3.2.4 Configuration Latency Timer Register (CSLT)
FIELD
R/W
DESCRIPTION
31:16
R/W
Reserved
15:8
R/W
Configuration Latency Timer. The value after hardware reset equal to 0h.
7:0
R/W
Reserved
Tab - 9 CSLT Configuration ID Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com