Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 23Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 24Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 25Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 26Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 27Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
24
3
R/W/C
TJT - Transmit Jabber Time-out
Indicates that the transmit jabber timer expired, meaning that the AX88140A transmitter had
been excessively active. The transmission process is aborted and placed in the stopped state.
This event causes the transmit jabber time-out TDES0<14> is set.
2
R/W/C
TU - Transmit Buffer Unavailable
Indicates that the next descriptor on the transmit list is owned by the host and cannot be acquired
by the AX88140A.The transmission process is suspended. To resume processing transmit
descriptors, the host should change the ownership bit of the descriptor and then issue a transmit
poll demand command.
1
R/W/C
TPS - Transmit Process Stopped
Asserts when the transmit process enters the stopped state.
0
R/W/C
TI - Transmit Interrupt
Indicates that a frame transmission was completed, while TDES1<31> is asserted in the first
descriptor of the frame.
Tab - 20 REG5 Status Register Description
4.2.7 Operation Mode Register (REG6)
1.
REG6 establishes the receive and transmit operating modes and commands.
2.
REG6 should be the last REG to be written as part of initialization.
Field
R/W/C
Description
31
-
Reserved
1
All incoming packets will be received
30
R/W
RA - Receive All
0
Filtering mode
29:25
-
Reserved.--Written as “0” for future compatibility concern.
1
Enable Scrambler
24
R/W
SCR - Scrambler Mode
0
Disable Scrambler
1
PCS functions are active
23
R/W
PCS - PCS Mode
0
MII/SYM port is not selected
1
Threshold is 10Mb/s
22
R/W
TTM - Transmit Threshold Mode
0
Threshold is 100Mb/s
1
Enable Store and Forward
21
R/W
SF - Store and Forward
0
Disable Store and Forward
20
-
Reserved.--Written as “0” for future compatibility concern.
1
Heartbeat Disable
19
R/W
HBD - Heartbeat Disable
0
Heartbeat Enable
1
MII/SYM port is selected.
18
R/W
PS - Port Select
0
SRL port is selected
17:16
-
Reserved.--Written as “0” for future compatibility concern.
TR - Threshold Control Bits
The threshold value has a direct impact on the AX88140A bus arbitration scheme . Transmission starts when
the frame size within the transmit FIFO
is larger than the threshold. In addition, full frames with a length
less than the threshold are also transmitted. The transmit process must be in the stopped state to change these
bits.
Controls the selected threshold level for the AX88140A transmit FIFO. Four threshold levels are allowed.
REG6<18>=0
REG6<18>=1
REG6<18>=1
REG6<21>
REG6<15:14>
REG6<22>=X
REG6<22>=1
REG6<22>=0
15:14
R/W
0
00
72
72
128
0
01
96
96
256
0
10
128
128
512
0
11
160
160
1024
1
XX
Store & Forward
Store & Forward
Store & Forward
1
Start Transmission
13
R/W
ST - Start/Stop Transmission
0
Stop Transmission
1
Enable force collision
12
R/W
FC - Force Collision Mode
0
Disable force collision
00 Normal
01 Internal Loop-back
11:10
R/W
OM - Operating Mode
10 External Loop-back
9
R/W
FD - Full-Duplex Mode
1
Full-Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com