Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 43 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 43 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 38Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 39Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 40Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 41Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 42Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 43Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 44Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 45Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 46Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
43
APPENDIX
B Function Application
B.1 Application for PCI Interface
Features :
l Direct interface to PCI Bus.
l Support 33 MHz no wait state PCI Bus Interface.
l Powerful on chip buffer management DMA. And PCI Bus master operation reduce CPU
utilization.
l 5 Volt CMOS process.
PCI Interface Schematic:
PCI BUS CONNECTOR
AX88140A PCI I/O PINS
AD[31:0]
C/BE[3:0]
PAR
PCI SLOT
MAC
FRAME#
TRDY#
IRDY#
STOP#
DEVSEL#
IDSEL
PERR#
SERR#
REQ#
GNT#
CLK
RST#
The pull high resisters are required for pin REQ#, GNT#, PERR#, and SERR# on MAC for more detail please to
check the schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com