Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140AP Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88140AP
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140AP Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88140AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88140AP Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
17
3.0 Configuration Operation
1.
Software reset (REG0<0>) has no effect on the configuration registers.
2.
Hardware reset puts the configuration registers in default values.
3.
The configuration registers could be accessed in byte, word , and long-word.
3.1 Configuration Space Mapping
CONFIGURATION REGISTER
IDENTIFIER
I/O ADDRESS OFFSET
DEVICE/VENDOR ID
CSID
00H
COMMAND AND STATUS
CSCS
04H
REVISION
CSRV
08H
LATENCY TIMER
CSLT
0CH
BASE I/O ADDRESS
CBIO
10H
BASE MEMORY ADDRESS
CBMA
14H
RESERVED
-
18H-28H
SUBSYSTEM ID
-
2CH
EXPANSION ROM BASE ADDRESS
CBER
30H
RESERVED
-
34H - 38H
INTERRUPT
CSIT
3CH
Special Use
SUD
40H
Tab - 5 Configuration Space Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com