Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 224 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 224 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 220Page - ATMEL Corporation ATMEGA16 Datasheet HTML 221Page - ATMEL Corporation ATMEGA16 Datasheet HTML 222Page - ATMEL Corporation ATMEGA16 Datasheet HTML 223Page - ATMEL Corporation ATMEGA16 Datasheet HTML 224Page - ATMEL Corporation ATMEGA16 Datasheet HTML 225Page - ATMEL Corporation ATMEGA16 Datasheet HTML 226Page - ATMEL Corporation ATMEGA16 Datasheet HTML 227Page - ATMEL Corporation ATMEGA16 Datasheet HTML 228Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 315 page
background image
224
ATmega16(L)
2466E–AVR–10/02
Figure 115. Reset Register
Boundary-scan Chain
The Boundary-scan Chain has the capability of driving and observing the logic levels on
the digital I/O pins, as well as the boundary between digital and analog logic for analog
circuitry having Off-chip connections.
See “Boundary-scan Chain” on page 226 for a complete description.
Boundary-scan Specific
JTAG Instructions
The instruction register is 4-bit wide, supporting up to 16 instructions. Listed below are
the JTAG instructions useful for Boundary-scan operation. Note that the optional HIGHZ
instruction is not implemented, but all outputs with tri-state capability can be set in high-
impedant state by using the AVR_RESET instruction, since the initial state for all port
pins is tri-state.
As a definition in this data sheet, the LSB is shifted in and out first for all Shift Registers.
The OPCODE for each instruction is shown behind the instruction name in hex format.
The text describes which Data Register is selected as path between TDI and TDO for
each instruction.
EXTEST; $0
Mandatory JTAG instruction for selecting the Boundary-scan Chain as Data Register for
testing circuitry external to the AVR package. For port-pins, Pull-up Disable, Output
Control, Output Data, and Input Data are all accessible in the scan chain. For Analog cir-
cuits having Off-chip connections, the interface between the analog and the digital logic
is in the scan chain. The contents of the latched outputs of the Boundary-scan chain is
driven out as soon as the JTAG IR-register is loaded with the EXTEST instruction.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-scan Chain.
•
Shift-DR: The Internal Scan Chain is shifted by the TCK input.
•
Update-DR: Data from the scan chain is applied to output pins.
IDCODE; $1
Optional JTAG instruction selecting the 32-bit ID register as Data Register. The ID regis-
ter consists of a version number, a device number and the manufacturer code chosen
by JEDEC. This is the default instruction after power-up.
The active states are:
•
Capture-DR: Data in the IDCODE register is sampled into the Boundary-scan
Chain.
•
Shift-DR: The IDCODE scan chain is shifted by the TCK input.
DQ
From
TDI
ClockDR · AVR_RESET
To
TDO
From other Internal and
External Reset Sources
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com