Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 228 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 228 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 224Page - ATMEL Corporation ATMEGA16 Datasheet HTML 225Page - ATMEL Corporation ATMEGA16 Datasheet HTML 226Page - ATMEL Corporation ATMEGA16 Datasheet HTML 227Page - ATMEL Corporation ATMEGA16 Datasheet HTML 228Page - ATMEL Corporation ATMEGA16 Datasheet HTML 229Page - ATMEL Corporation ATMEGA16 Datasheet HTML 230Page - ATMEL Corporation ATMEGA16 Datasheet HTML 231Page - ATMEL Corporation ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 315 page
background image
228
ATmega16(L)
2466E–AVR–10/02
Figure 118. Additional Scan Signal for the Two-wire Interface
Scanning the RESET Pin
The RESET pin accepts 5V active low logic for standard reset operation, and 12V active
high logic for High Voltage Parallel Programming. An observe-only cell as shown in Fig-
ure 119 is inserted both for the 5V reset signal; RSTT, and the 12V reset signal;
RSTHV.
Figure 119. Observe-only Cell
Scanning the Clock Pins
The AVR devices have many clock options selectable by fuses. These are: Internal RC
Oscillator, External RC, External Clock, (High Frequency) Crystal Oscillator, Low Fre-
quency Crystal Oscillator, and Ceramic Resonator.
Figure 120 shows how each Oscillator with external connection is supported in the scan
chain. The Enable signal is supported with a general boundary-scan cell, while the
Oscillator/Clock output is attached to an observe-only cell. In addition to the main clock,
the Timer Oscillator is scanned in the same way. The output from the internal RC Oscil-
lator is not scanned, as this Oscillator does not have external connections.
Pxn
PUExn
ODxn
IDxn
TWIEN
OCxn
Slew-rate Limited
SRC
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
From System Pin
To System Logic
FF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com