Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 221Page - ATMEL Corporation ATMEGA16 Datasheet HTML 222Page - ATMEL Corporation ATMEGA16 Datasheet HTML 223Page - ATMEL Corporation ATMEGA16 Datasheet HTML 224Page - ATMEL Corporation ATMEGA16 Datasheet HTML 225Page - ATMEL Corporation ATMEGA16 Datasheet HTML 226Page - ATMEL Corporation ATMEGA16 Datasheet HTML 227Page - ATMEL Corporation ATMEGA16 Datasheet HTML 228Page - ATMEL Corporation ATMEGA16 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 315 page
background image
225
ATmega16(L)
2466E–AVR–10/02
SAMPLE_PRELOAD; $2
Mandatory JTAG instruction for pre-loading the output latches and talking a snap-shot of
the input/output pins without affecting the system operation. However, the output latches
are not connected to the pins. The Boundary-scan Chain is selected as Data Register.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-scan Chain.
•
Shift-DR: The Boundary-scan Chain is shifted by the TCK input.
•
Update-DR: Data from the Boundary-scan Chain is applied to the output latches.
However, the output latches are not connected to the pins.
AVR_RESET; $C
The AVR specific public JTAG instruction for forcing the AVR device into the Reset
mode or releasing the JTAG Reset source. The TAP controller is not reset by this
instruction. The one bit Reset Register is selected as Data Register. Note that the reset
will be active as long as there is a logic 'one' in the Reset Chain. The output from this
chain is not latched.
The active states are:
•
Shift-DR: The Reset Register is shifted by the TCK input.
BYPASS; $F
Mandatory JTAG instruction selecting the Bypass Register for Data Register.
The active states are:
•
Capture-DR: Loads a logic “0” into the Bypass Register.
•
Shift-DR: The Bypass Register cell between TDI and TDO is shifted.
Boundary-scan Related
Register in I/O Memory
MCU Control and Status
Register – MCUCSR
The MCU Control and Status Register contains control bits for general MCU functions,
and provides information on which reset source caused an MCU Reset.
• Bits 7 – JTD: JTAG Interface Disable
When this bit is zero, the JTAG interface is enabled if the JTAGEN Fuse is programmed.
If this bit is one, the JTAG interface is disabled. In order to avoid unintentional disabling
or enabling of the JTAG interface, a timed sequence must be followed when changing
this bit: The application software must write this bit to the desired value twice within four
cycles to change its value.
• Bit 4 – JTRF: JTAG Reset Flag
This bit is set if a reset is being caused by a logic one in the JTAG Reset Register
selected by the JTAG instruction AVR_RESET. This bit is reset by a Power-on Reset, or
by writing a logic zero to the flag.
Bit
7
6
543210
JTD
ISC2
–JTRF
WDRF
BORF
EXTRF
PORF
MCUCSR
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com