Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 232 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 232 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 228Page - ATMEL Corporation ATMEGA16 Datasheet HTML 229Page - ATMEL Corporation ATMEGA16 Datasheet HTML 230Page - ATMEL Corporation ATMEGA16 Datasheet HTML 231Page - ATMEL Corporation ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation ATMEGA16 Datasheet HTML 233Page - ATMEL Corporation ATMEGA16 Datasheet HTML 234Page - ATMEL Corporation ATMEGA16 Datasheet HTML 235Page - ATMEL Corporation ATMEGA16 Datasheet HTML 236Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 315 page
background image
232
ATmega16(L)
2466E–AVR–10/02
Table 91. Boundary-scan Signals for the ADC
Signal
Name
Direction as Seen
from the ADC
Description
Recommended
Input when Not
in Use
Output Values when Recommended
Inputs are used, and CPU is not
Using the ADC
COMP
Output
Comparator Output
0
0
ACLK
Input
Clock signal to gain stages
implemented as Switch-cap filters
00
ACTEN
Input
Enable path from gain stages to
the comparator
00
ADHSM
Input
Increases speed of comparator at
the sacrifice of higher power
consumption
00
ADCBGEN
Input
Enable Band-gap reference as
negative input to comparator
00
ADCEN
Input
Power-on signal to the ADC
0
0
AMPEN
Input
Power-on signal to the gain stages
0
0
DAC_9
Input
Bit 9 of digital value to DAC
1
1
DAC_8
Input
Bit 8 of digital value to DAC
0
0
DAC_7
Input
Bit 7 of digital value to DAC
0
0
DAC_6
Input
Bit 6 of digital value to DAC
0
0
DAC_5
Input
Bit 5 of digital value to DAC
0
0
DAC_4
Input
Bit 4 of digital value to DAC
0
0
DAC_3
Input
Bit 3 of digital value to DAC
0
0
DAC_2
Input
Bit 2 of digital value to DAC
0
0
DAC_1
Input
Bit 1 of digital value to DAC
0
0
DAC_0
Input
Bit 0 of digital value to DAC
0
0
EXTCH
Input
Connect ADC channels 0 - 3 to by-
pass path around gain stages
11
G10
Input
Enable 10x gain
0
0
G20
Input
Enable 20x gain
0
0
GNDEN
Input
Ground the negative input to
comparator when true
00
HOLD
Input
Sample&Hold signal. Sample
analog signal when low. Hold
signal when high. If gain stages
are used, this signal must go
active when ACLK is high.
11
IREFEN
Input
Enables Band-gap reference as
AREF signal to DAC
00
MUXEN_7
Input
Input Mux bit 7
0
0
MUXEN_6
Input
Input Mux bit 6
0
0
MUXEN_5
Input
Input Mux bit 5
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com