Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 236 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 236 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation ATMEGA16 Datasheet HTML 233Page - ATMEL Corporation ATMEGA16 Datasheet HTML 234Page - ATMEL Corporation ATMEGA16 Datasheet HTML 235Page - ATMEL Corporation ATMEGA16 Datasheet HTML 236Page - ATMEL Corporation ATMEGA16 Datasheet HTML 237Page - ATMEL Corporation ATMEGA16 Datasheet HTML 238Page - ATMEL Corporation ATMEGA16 Datasheet HTML 239Page - ATMEL Corporation ATMEGA16 Datasheet HTML 240Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 315 page
background image
236
ATmega16(L)
2466E–AVR–10/02
ATmega16 Boundary-
scan Order
Table 93 shows the scan order between TDI and TDO when the Boundary-scan chain is
selected as data path. Bit 0 is the LSB; the first bit scanned in, and the first bit scanned
out. The scan order follows the pin-out order as far as possible. Therefore, the bits of
Port A is scanned in the opposite bit order of the other ports. Exceptions from the rules
are the Scan chains for the analog circuits, which constitute the most significant bits of
the scan chain regardless of which physical pin they are connected to. In Figure 116,
PXn. Data corresponds to FF0, PXn. Control corresponds to FF1, and PXn.
Pullup_enable corresponds to FF2. Bit 2, 3, 4, and 5 of Port C is not in the scan chain,
since these pins constitute the TAP pins when the JTAG is enabled.
Table 93. ATmega16 Boundary-scan Order
Bit Number
Signal Name
Module
140
AC_IDLE
Comparator
139
ACO
138
ACME
137
ACBG
136
COMP
ADC
135
PRIVATE_SIGNAL1
(Note:)
134
ACLK
133
ACTEN
132
ADHSM
131
ADCBGEN
130
ADCEN
129
AMPEN
128
DAC_9
127
DAC_8
126
DAC_7
125
DAC_6
124
DAC_5
123
DAC_4
122
DAC_3
121
DAC_2
120
DAC_1
119
DAC_0
118
EXTCH
117
G10
116
G20
115
GNDEN
114
HOLD
113
IREFEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com