Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 234 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 234 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 230Page - ATMEL Corporation ATMEGA16 Datasheet HTML 231Page - ATMEL Corporation ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation ATMEGA16 Datasheet HTML 233Page - ATMEL Corporation ATMEGA16 Datasheet HTML 234Page - ATMEL Corporation ATMEGA16 Datasheet HTML 235Page - ATMEL Corporation ATMEGA16 Datasheet HTML 236Page - ATMEL Corporation ATMEGA16 Datasheet HTML 237Page - ATMEL Corporation ATMEGA16 Datasheet HTML 238Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 315 page
background image
234
ATmega16(L)
2466E–AVR–10/02
If the ADC is not to be used during scan, the recommended input values from Table 91
should be used. The user is recommended not to use the Differential Gain stages dur-
ing scan. Switch-cap based gain stages require fast operation and accurate timing
which is difficult to obtain when used in a scan chain. Details concerning operations of
the differential gain stage is therefore not provided. For the same reason, the ADC High
Speed mode (ADHSM) bit does not make any sense during Boundary-scan operation.
The AVR ADC is based on the analog circuitry shown in Figure 123 with a successive
approximation algorithm implemented in the digital logic. When used in Boundary-scan,
the problem is usually to ensure that an applied analog voltage is measured within some
limits. This can easily be done without running a successive approximation algorithm:
apply the lower limit on the digital DAC[9:0] lines, make sure the output from the com-
parator is low, then apply the upper limit on the digital DAC[9:0] lines, and verify the
output from the comparator to be high.
The ADC need not be used for pure connectivity testing, since all analog inputs are
shared with a digital port pin as well.
When using the ADC, remember the following:
•
The Port Pin for the ADC channel in use must be configured to be an input with pull-
up disabled to avoid signal contention.
•
In Normal mode, a dummy conversion (consisting of 10 comparisons) is performed
when enabling the ADC. The user is advised to wait at least 200 ns after enabling
the ADC before controlling/observing any ADC signal, or perform a dummy
conversion before using the first result.
•
The DAC values must be stable at the midpoint value 0x200 when having the HOLD
signal low (Sample mode).
As an example, consider the task of verifying a 1.5V ± 5% input signal at ADC channel 3
when the power supply is 5.0V and AREF is externally connected to VCC.
The recommended values from Table 91 are used unless other values are given in the
algorithm in Table 92. Only the DAC and Port Pin values of the Scan-chain are shown.
The column “Actions” describes what JTAG instruction to be used before filling the
Boundary-scan register with the succeeding columns. The verification should be done
on the data scanned out when scanning in the data on the same row in the table.
The lower limit is:
1024 1.5V 0,95 5V
⁄
⋅⋅
291
0x123
==
The upper limit is:
1024 1.5V 1.05 5V
⁄
⋅⋅
323
0x143
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com