Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 233 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 233 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 229Page - ATMEL Corporation ATMEGA16 Datasheet HTML 230Page - ATMEL Corporation ATMEGA16 Datasheet HTML 231Page - ATMEL Corporation ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation ATMEGA16 Datasheet HTML 233Page - ATMEL Corporation ATMEGA16 Datasheet HTML 234Page - ATMEL Corporation ATMEGA16 Datasheet HTML 235Page - ATMEL Corporation ATMEGA16 Datasheet HTML 236Page - ATMEL Corporation ATMEGA16 Datasheet HTML 237Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 315 page
background image
233
ATmega16(L)
2466E–AVR–10/02
Note:
Incorrect setting of the switches in Figure 123 will make signal contention and may damage the part. There are several input
choices to the S&H circuitry on the negative input of the output comparator in Figure 123. Make sure only one path is selected
from either one ADC pin, Bandgap reference source, or Ground.
MUXEN_4
Input
Input Mux bit 4
0
0
MUXEN_3
Input
Input Mux bit 3
0
0
MUXEN_2
Input
Input Mux bit 2
0
0
MUXEN_1
Input
Input Mux bit 1
0
0
MUXEN_0
Input
Input Mux bit 0
1
1
NEGSEL_2
Input
Input Mux for negative input for
differential signal, bit 2
00
NEGSEL_1
Input
Input Mux for negative input for
differential signal, bit 1
00
NEGSEL_0
Input
Input Mux for negative input for
differential signal, bit 0
00
PASSEN
Input
Enable pass-gate of gain stages.
1
1
PRECH
Input
Precharge output latch of
comparator. (Active low)
11
SCTEST
Input
Switch-cap TEST enable. Output
from x10 gain stage send out to
Port Pin having ADC_4
00
ST
Input
Output of gain stages will settle
faster if this signal is high first two
ACLK periods after AMPEN goes
high.
00
VCCREN
Input
Selects Vcc as the ACC reference
voltage.
00
Table 91. Boundary-scan Signals for the ADC (Continued)
Signal
Name
Direction as Seen
from the ADC
Description
Recommended
Input when Not
in Use
Output Values when Recommended
Inputs are used, and CPU is not
Using the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com