Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 259Page - ATMEL Corporation ATMEGA16 Datasheet HTML 260Page - ATMEL Corporation ATMEGA16 Datasheet HTML 261Page - ATMEL Corporation ATMEGA16 Datasheet HTML 262Page - ATMEL Corporation ATMEGA16 Datasheet HTML 263Page - ATMEL Corporation ATMEGA16 Datasheet HTML 264Page - ATMEL Corporation ATMEGA16 Datasheet HTML 265Page - ATMEL Corporation ATMEGA16 Datasheet HTML 266Page - ATMEL Corporation ATMEGA16 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 315 page
background image
263
ATmega16(L)
2466E–AVR–10/02
Programming the EEPROM
The EEPROM is organized in pages, see Table 111 on page 259. When programming
the EEPROM, the program data is latched into a page buffer. This allows one page of
data to be programmed simultaneously. The programming algorithm for the EEPROM
data memory is as follows (refer to “Programming the Flash” on page 260 for details on
Command, Address and Data loading):
1.
A: Load Command “0001 0001”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
C: Load Data ($00 - $FF)
5.
E: Latch data (give PAGEL a positive pulse)
K: Repeat 3 through 5 until the entire buffer is filled
L: Program EEPROM page
1.
Set BS1 to “0”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page.
RDY/BSY goes low.
3.
Wait until to RDY/BSY goes high before programming the next page. (See Fig-
ure 130 for signal waveforms)
Figure 130. Programming the EEPROM Waveforms
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the
Flash” on page 260 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
Set OE to “0”, and BS1 to “0”. The Flash word low byte can now be read at
DATA.
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1
XA0
BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com