Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 260Page - ATMEL Corporation ATMEGA16 Datasheet HTML 261Page - ATMEL Corporation ATMEGA16 Datasheet HTML 262Page - ATMEL Corporation ATMEGA16 Datasheet HTML 263Page - ATMEL Corporation ATMEGA16 Datasheet HTML 264Page - ATMEL Corporation ATMEGA16 Datasheet HTML 265Page - ATMEL Corporation ATMEGA16 Datasheet HTML 266Page - ATMEL Corporation ATMEGA16 Datasheet HTML 267Page - ATMEL Corporation ATMEGA16 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 315 page
background image
264
ATmega16(L)
2466E–AVR–10/02
5.
Set BS1 to “1”. The Flash word high byte can now be read at DATA.
6.
Set OE to “1”.
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the
Flash” on page 260 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at
DATA.
5.
Set OE to “1”.
Programming the Fuse Low
Bits
The algorithm for programming the Fuse Low bits is as follows (refer to “Programming
the Flash” on page 260 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Set BS1 to “0” and BS2 to “0”.
4.
Give WR a negative pulse and wait for RDY/BSY to go high.
Programming the Fuse High
Bits
The algorithm for programming the Fuse high bits is as follows (refer to “Programming
the Flash” on page 260 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Set BS1 to “1” and BS2 to “0”. This selects high data byte.
4.
Give WR a negative pulse and wait for RDY/BSY to go high.
5.
Set BS1 to “0”. This selects low data byte.
Figure 131. Programming the Fuses
RDY/BSY
WR
OE
RESET +12V
PAGEL
$40
DATA
DATA
XX
XA1
XA0
BS1
XTAL1
AC
$40
DATA
XX
AC
Write Fuse Low byte
Write Fuse high byte
BS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com