Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 268 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 264Page - ATMEL Corporation ATMEGA16 Datasheet HTML 265Page - ATMEL Corporation ATMEGA16 Datasheet HTML 266Page - ATMEL Corporation ATMEGA16 Datasheet HTML 267Page - ATMEL Corporation ATMEGA16 Datasheet HTML 268Page - ATMEL Corporation ATMEGA16 Datasheet HTML 269Page - ATMEL Corporation ATMEGA16 Datasheet HTML 270Page - ATMEL Corporation ATMEGA16 Datasheet HTML 271Page - ATMEL Corporation ATMEGA16 Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 315 page
background image
268
ATmega16(L)
2466E–AVR–10/02
Notes:
1.
tWLRH is valid for the Write Flash, Write EEPROM, Write Fuse bits and Write Lock
bits commands.
2.
tWLRH_CE is valid for the Chip Erase command.
SPI Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using the serial SPI
bus while RESET is pulled to GND. The serial interface consists of pins SCK, MOSI
(input), and MISO (output). After RESET is set low, the Programming Enable instruction
needs to be executed first before program/erase operations can be executed. NOTE, in
Table 113 on page 268, the pin mapping for SPI programming is listed. Not all parts use
the SPI pins dedicated for the internal SPI interface.
SPI Serial Programming
Pin Mapping
Figure 136. SPI Serial Programming and Verify
(1)
Notes:
1. If the device is clocked by the Internal Oscillator, it is no need to connect a clock
source to the XTAL1 pin.
2. V
CC -0.3V < AVCC < VCC +0.3V, however, AVCC should always be within 2.7 - 5.5V
When programming the EEPROM, an auto-erase cycle is built into the self-timed pro-
gramming operation (in the serial mode ONLY) and there is no need to first execute the
tBVDV
BS1 Valid to DATA valid
0
250
ns
tOLDV
OE Low to DATA Valid
250
ns
tOHDZ
OE High to DATA Tri-stated
250
ns
Table 112. Parallel Programming Characteristics, V
CC = 5 V ± 10% (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Table 113. Pin Mapping SPI Serial Programming
Symbol
Pins
I/O
Description
MOSI
PB5
I
Serial Data in
MISO
PB6
O
Serial Data out
SCK
PB7
I
Serial Clock
VCC
GND
XTAL1
SCK
MISO
MOSI
RESET
PB5
PB6
PB7
+2.7 - 5.5V
VCC
+2.7 - 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com