Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 269 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 265Page - ATMEL Corporation ATMEGA16 Datasheet HTML 266Page - ATMEL Corporation ATMEGA16 Datasheet HTML 267Page - ATMEL Corporation ATMEGA16 Datasheet HTML 268Page - ATMEL Corporation ATMEGA16 Datasheet HTML 269Page - ATMEL Corporation ATMEGA16 Datasheet HTML 270Page - ATMEL Corporation ATMEGA16 Datasheet HTML 271Page - ATMEL Corporation ATMEGA16 Datasheet HTML 272Page - ATMEL Corporation ATMEGA16 Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 315 page
background image
269
ATmega16(L)
2466E–AVR–10/02
Chip Erase instruction. The Chip Erase operation turns the content of every memory
location in both the Program and EEPROM arrays into $FF.
Depending on CKSEL Fuses, a valid clock must be present. The minimum low and high
periods for the serial clock (SCK) input are defined as follows:
Low:> 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
High:> 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
SPI Serial Programming
Algorithm
When writing serial data to the ATmega16, data is clocked on the rising edge of SCK.
When reading data from the ATmega16, data is clocked on the falling edge of SCK. See
Figure 137 for timing details.
To program and verify the ATmega16 in the SPI Serial Programming mode, the follow-
ing sequence is recommended (See four byte instruction formats in Table 115):
1.
Power-up sequence:
Apply power between VCC and GND while RESET and SCK are set to “0”. In
some systems, the programmer can not guarantee that SCK is held low during
power-up. In this case, RESET must be given a positive pulse of at least two
CPU clock cycles duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable SPI Serial Programming by sending the Pro-
gramming Enable serial instruction to pin MOSI.
3.
The SPI Serial Programming instructions will not work if the communication is
out of synchronization. When in sync. the second byte ($53), will echo back
when issuing the third byte of the Programming Enable instruction. Whether the
echo is correct or not, all four bytes of the instruction must be transmitted. If the
$53 did not echo back, give RESET a positive pulse and issue a new Program-
ming Enable command.
4.
The Flash is programmed one page at a time. The memory page is loaded one
byte at a time by supplying the 6 LSB of the address and data together with the
Load Program Memory Page instruction. To ensure correct loading of the page,
the data low byte must be loaded before data high byte is applied for a given
address. The Program Memory Page is stored by loading the Write Program
Memory Page instruction with the 7 MSB of the address. If polling is not used,
the user must wait at least tWD_FLASH before issuing the next page. (See Table
114). Accessing the SPI Serial Programming interface before the Flash write
operation completes can result in incorrect programming.
5.
The EEPROM array is programmed one byte at a time by supplying the address
and data together with the appropriate Write instruction. An EEPROM memory
location is first automatically erased before new data is written. If polling is not
used, the user must wait at least tWD_EEPROM before issuing the next byte. (See
Table 114). In a chip erased device, no $FFs in the data file(s) need to be
programmed.
6.
Any memory location can be verified by using the Read instruction which returns
the content at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence
normal operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn VCC power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com